Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FST3125MTC Datasheet (PDF) - Fairchild Semiconductor

FST3125MTC Datasheet PDF - Fairchild Semiconductor
Part # FST3125MTC
Download  FST3125MTC Download

File Size   123.5 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Bus Switch

FST3125MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
FST3125MTC Datasheet PDF - Fairchild Semiconductor

Part # FST3125MTC
Download  FST3125MTC Click to download

File Size   123.5 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Bus Switch

FST3125MTC Datasheet (HTML) - Fairchild Semiconductor

FST3125MTC Datasheet HTML 1Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 2Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 3Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 4Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 5Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 6Page - Fairchild Semiconductor

FST3125MTC Product details

Description
Fairchild switch FST3125 provides four high-speed CMOS TTL-compatible bus switches. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.
The device is organized as four one1-bit switches with separate /OE inputs. When /OE is LOW, the switch is ON and port A is connected to port B. When /OE is HIGH, the switch is OPEN and a high-impedance state exists between the two ports.

Features
■ 4Ω Switch Connection between Two Ports
■ Minimal Propagation Delay through the Switch
■ Low ICC
■ Zero Bounce in Flow-through Mode
■ Control Inputs Compatible with TTL Level




Similar Part No. - FST3125MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3125MTC FAIRCHILD-FST3125MTC Datasheet
123Kb / 6P
   4-Bit Bus Switch
FST3125MTC FAIRCHILD-FST3125MTC Datasheet
445Kb / 9P
   4-Bit Bus Switch
FST3125MTCX FAIRCHILD-FST3125MTCX Datasheet
445Kb / 9P
   4-Bit Bus Switch
FST3125MTCX_NL FAIRCHILD-FST3125MTCX_NL Datasheet
123Kb / 6P
   4-Bit Bus Switch
More results


Similar Description - FST3125MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126 Datasheet
121Kb / 6P
   Quad Bus Switch
logo
NXP Semiconductors
CBT3126 NXP-CBT3126 Datasheet
91Kb / 13P
   Quad FET bus switch
Rev. 03-9 December 2008
logo
Toshiba Semiconductor
TC7MB3125CFT TOSHIBA-TC7MB3125CFT Datasheet
289Kb / 11P
   Low Capacitance Quad Bus Switch
2014-03-01
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
logo
Toshiba Semiconductor
TC7MBL3125CFT TOSHIBA-TC7MBL3125CFT Datasheet
244Kb / 12P
   Low Voltage/Low Capacitance Quad Bus Switch
logo
ON Semiconductor
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com