Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9835BRUZ Datasheet (PDF) - Analog Devices

AD9835BRUZ Datasheet PDF - Analog Devices
Part # AD9835BRUZ
Download  AD9835BRUZ Download

File Size   701.18 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz Direct Digital Synthesizer, Waveform Generator

AD9835BRUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9835BRUZ Datasheet PDF - Analog Devices

Part # AD9835BRUZ
Download  AD9835BRUZ Click to download

File Size   701.18 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz Direct Digital Synthesizer, Waveform Generator

AD9835BRUZ Datasheet (HTML) - Analog Devices

Back Button AD9835BRUZ Datasheet HTML 1Page - Analog Devices AD9835BRUZ Datasheet HTML 2Page - Analog Devices AD9835BRUZ Datasheet HTML 3Page - Analog Devices AD9835BRUZ Datasheet HTML 4Page - Analog Devices AD9835BRUZ Datasheet HTML 5Page - Analog Devices AD9835BRUZ Datasheet HTML 6Page - Analog Devices AD9835BRUZ Datasheet HTML 7Page - Analog Devices AD9835BRUZ Datasheet HTML 8Page - Analog Devices AD9835BRUZ Datasheet HTML 9Page - Analog Devices AD9835BRUZ Datasheet HTML 10Page - Analog Devices Next Button 

AD9835BRUZ Product details

GENERAL DESCRIPTION
The AD9835 is a numerically-controlled oscillator employing a phase accumulator, a COS lookup table, and a 10-bit digital-to-analog converter integrated on a single CMOS chip. Modulation capabilities are provided for phase modulation and frequency modulation.
Clock rates of up to 50 MHz are supported. Frequency accuracy can be controlled to one part in 4 billion. Modulation is effected by loading registers through the serial interface. A power-down bit allows the user to power down the AD9835 when it is not in use; the power consumption reduces to 1.75 mW.
This part is available in a 16-lead TSSOP package.
Similar DDS products can be found at http://www.analog.com/DDS.

FEATURES
   5 V power supply
   50 MHz speed
   On-chip COS lookup table
   On-chip, 10-bit DAC
   Serial loading
   Power-down option
   Temperature range: −40°C to +85°C
   200 mW power consumption
   16-Lead TSSOP

APPLICATIONS
   Frequency stimulus/waveform generation
   Frequency phase tuning and modulation
   Low power RF/communications systems
   Liquid and gas flow measurement
   Sensory applications: proximity, motion, and defect
      detection
   Test and medical equipment




Similar Part No. - AD9835BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835BRU AD-AD9835BRU Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Similar Description - AD9835BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9832 AD-AD9832_13 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9835 AD-AD9835_15 Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer
REV. A
AD9831ASTZ AD-AD9831ASTZ Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
logo
National Instruments Co...
NI654X NI-NI654X Datasheet
313Kb / 3P
   100 and 50 MHz Digital Waveform Generator/Analyzers
PXI-6541 NI-PXI-6541 Datasheet
222Kb / 3P
   100 and 50 MHz Digital Waveform Generator/Analyzers
NI655X NI-NI655X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-Voltage Digital Waveform Generator/Analyzers
logo
Analog Devices
AD9832 AD-AD9832_15 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer
Rev. E
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com