Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR12010XMKE-NOPB Datasheet (PDF) - Texas Instruments

LMR12010XMKE-NOPB Datasheet PDF - Texas Instruments
Part # LMR12010XMKE-NOPB
Download  LMR12010XMKE-NOPB Download

File Size   1132.69 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Input Voltage Range of 3V to 20V, Output Voltage Range of 0.8V to 17V

LMR12010XMKE-NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR12010XMKE-NOPB Datasheet PDF - Texas Instruments

Part # LMR12010XMKE-NOPB
Download  LMR12010XMKE-NOPB Click to download

File Size   1132.69 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Input Voltage Range of 3V to 20V, Output Voltage Range of 0.8V to 17V

LMR12010XMKE-NOPB Datasheet (HTML) - Texas Instruments

Back Button LMR12010XMKE-NOPB Datasheet HTML 1Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 2Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 3Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 4Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 5Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 6Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 7Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 8Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 9Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 10Page - Texas Instruments Next Button 



Similar Part No. - LMR12010XMKE-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR12010XMKE NSC-LMR12010XMKE Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010XMKE TI1-LMR12010XMKE Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
LMR12010XMKE/NOPB TI-LMR12010XMKE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
More results


Similar Description - LMR12010XMKE-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
logo
Maxim Integrated Produc...
MAX17108EVKIT MAXIM-MAX17108EVKIT Datasheet
313Kb / 8P
   6V to 20V AVDD Input Voltage Range
Rev 0; 10/08
logo
Texas Instruments
LM2852 TI-LM2852 Datasheet
1Mb / 25P
[Old version datasheet]   Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX14727EVKIT MAXIM-MAX14727EVKIT Datasheet
666Kb / 8P
   3V to 28V Operating Voltage Range
Rev 0; 7/17
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
   Wide range of supply voltage: 3.5V to 28V.
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
logo
International Rectifier
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com