Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S1200A-12PI Datasheet (PDF) - ATMEL Corporation

AT90S1200A-12PI Datasheet PDF - ATMEL Corporation
Part # AT90S1200A-12PI
Download  AT90S1200A-12PI Download

File Size   1475.04 Kbytes
Page   71 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 1K Byte of In-System Programmable Flash

AT90S1200A-12PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90S1200A-12PI Datasheet PDF - ATMEL Corporation

Part # AT90S1200A-12PI
Download  AT90S1200A-12PI Click to download

File Size   1475.04 Kbytes
Page   71 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 1K Byte of In-System Programmable Flash

AT90S1200A-12PI Datasheet (HTML) - ATMEL Corporation

Back Button AT90S1200A-12PI Datasheet HTML 1Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 2Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 3Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 4Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 5Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 6Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 7Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 8Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 9Page - ATMEL Corporation AT90S1200A-12PI Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT90S1200A-12PI Product details

Description

The AT90S1200 is a low-power CMOS 8-bit microcontroller based on the AVR RISC architecture. By executing powerful instructions in a single clock cycle, the AT90S1200 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.



Features

• Utilizes the AVR® RISC Architecture

• AVR –High-performance and Low-power RISC Architecture

    –89 Powerful Instructions –Most Single Clock Cycle Execution

    –32 x 8 General Purpose Working Registers

    –Up to 12 MIPS Throughput at 12 MHz

• Data and Non-volatile Program Memory

    –1K Byte of In-System Programmable Flash Endurance: 1,000 Write/Erase Cycles

    –64 Bytes of In-System Programmable EEPROM Endurance: 100,000 Write/Erase Cycles

    –Programming Lock for Flash Program and EEPROM Data Security

• Peripheral Features

    –One 8-bit Timer/Counter with Separate Prescaler

    –On-chip Analog Comparator

    –Programmable Watchdog Timer with On-chip Oscillator

    –SPI Serial Interface for In-System Programming

• Special Microcontroller Features

    –Low-power Idle and Power-down Modes

    –External and Internal Interrupt Sources

    –Selectable On-chip RC Oscillator for Zero External Components

• Specifications

    –Low-power, High-speed CMOS Process Technology

    –Fully Static Operation

• Power Consumption at 4 MHz, 3V, 25°C

    –Active: 2.0 mA

    –Idle Mode: 0.4 mA

    –Power-down Mode: <1 µA

• I/O and Packages

    –15 Programmable I/O Lines

    –20-pin PDIP, SOIC and SSOP

• Operating Voltages

    –2.7 - 6.0V (AT90S1200-4)

    –4.0 - 6.0V (AT90S1200-12)

• Speed Grades

    –0 - 4 MHz, (AT90S1200-4)

    –0 - 12 MHz, (AT90S1200-12)




Similar Part No. - AT90S1200A-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S1200A ATMEL-AT90S1200A Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
More results


Similar Description - AT90S1200A-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_02 Datasheet
1Mb / 71P
   8-bit Microcontroller with 1K Byte of In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_10 Datasheet
605Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A Datasheet
462Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_09 Datasheet
539Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_1 Datasheet
3Mb / 174P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_10 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V_0701 ATMEL-ATTINY13V_0701 Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V ATMEL-ATTINY13V_07 Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com