Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTLP18T612 Datasheet (PDF) - Fairchild Semiconductor

GTLP18T612 Datasheet PDF - Fairchild Semiconductor
Part # GTLP18T612
Download  GTLP18T612 Download

File Size   74.88 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 18-Bit LVTTL/GTLP Universal Bus Transceiver

GTLP18T612 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTLP18T612 Datasheet PDF - Fairchild Semiconductor

Part # GTLP18T612
Download  GTLP18T612 Click to download

File Size   74.88 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 18-Bit LVTTL/GTLP Universal Bus Transceiver

GTLP18T612 Datasheet (HTML) - Fairchild Semiconductor

GTLP18T612 Datasheet HTML 1Page - Fairchild Semiconductor GTLP18T612 Datasheet HTML 2Page - Fairchild Semiconductor GTLP18T612 Datasheet HTML 3Page - Fairchild Semiconductor GTLP18T612 Datasheet HTML 4Page - Fairchild Semiconductor GTLP18T612 Datasheet HTML 5Page - Fairchild Semiconductor GTLP18T612 Datasheet HTML 6Page - Fairchild Semiconductor GTLP18T612 Datasheet HTML 7Page - Fairchild Semiconductor GTLP18T612 Datasheet HTML 8Page - Fairchild Semiconductor GTLP18T612 Datasheet HTML 9Page - Fairchild Semiconductor

GTLP18T612 Product details

General Description
The GTLP18T612 is an 18-bit universal bus transceiver which provides LVTTL to GTLP signal level translation. It allows for transparent, latched and clocked modes of data transfer. The device provides a high speed interface for cards operating at LVTTL logic levels and a backplane operating at GTLP logic levels. High speed backplane operation is a direct result of GTLP’s reduced output swing (< 1V), reduced input threshold levels and output edge rate control. The edge rate control minimizes bus settling time. GTLP is a Fairchild Semiconductor derivative of the Gunning Transistor logic (GTL) JEDEC standard JESD8-3.

Features
■ Bidirectional interface between GTLP and LVTTL logic levels
■ Edge Rate Control to minimize noise on the GTLP port
■ Power up/down high impedance for live insertion
■ External VREF pin for receiver threshold
■ BiCMOS technology for low power dissipation
■ Bushold data inputs on A Port eliminates the need for external pull-up resistors for unused inputs
■ LVTTL compatible Driver and Control inputs
■ Flow-through architecture optimizes PCB layout
■ Open drain on GTLP to support wired-or connection
■ A-Port source/sink −24 mA/+24 mA
■ B-Port sink capability +50 mA
■ D-type flip-flop, latch and transparent data paths




Similar Part No. - GTLP18T612

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP10B320MTD FAIRCHILD-GTLP10B320MTD Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
GTLP16612MEA FAIRCHILD-GTLP16612MEA Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
GTLP16612MTD FAIRCHILD-GTLP16612MTD Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
More results


Similar Description - GTLP18T612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
logo
Integrated Device Techn...
IDT74GTLP16612 IDT-IDT74GTLP16612 Datasheet
74Kb / 8P
   CMOS 18-BIT TTL/GTLP UNIVERSAL BUS TRANSCEIVER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com