Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTLP6C816 Datasheet (PDF) - Fairchild Semiconductor

GTLP6C816 Datasheet PDF - Fairchild Semiconductor
Part # GTLP6C816
Download  GTLP6C816 Download

File Size   46.16 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description GTLP-to-TTL 1:6 Clock Driver

GTLP6C816 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTLP6C816 Datasheet PDF - Fairchild Semiconductor

Part # GTLP6C816
Download  GTLP6C816 Click to download

File Size   46.16 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description GTLP-to-TTL 1:6 Clock Driver

GTLP6C816 Datasheet (HTML) - Fairchild Semiconductor

GTLP6C816 Datasheet HTML 1Page - Fairchild Semiconductor GTLP6C816 Datasheet HTML 2Page - Fairchild Semiconductor GTLP6C816 Datasheet HTML 3Page - Fairchild Semiconductor GTLP6C816 Datasheet HTML 4Page - Fairchild Semiconductor GTLP6C816 Datasheet HTML 5Page - Fairchild Semiconductor GTLP6C816 Datasheet HTML 6Page - Fairchild Semiconductor GTLP6C816 Datasheet HTML 7Page - Fairchild Semiconductor

GTLP6C816 Product details

General Description
The GTLP6C816 is a clock driver that provides TTL to GTLP signal level translation (and vice versa). The device provides a high speed interface between cards operating at TTL logic levels and a backplane operating at GTLP logic levels. High speed backplane operation is a direct result of GTLP’s reduced output swing (<1V), reduced input threshold levels and output edge rate control. The edge rate control minimizes bus settling time. GTLP is a Fairchild Semiconductor derivative of the Gunning Transceiver logic (GTL) JEDEC standard JESD8-3.

Features
■ Interface between TTL and GTLP logic levels
■ Edge Rate Control to minimize noise on the GTLP port
■ Power up/down high impedance for live insertion
■ 1:6 fanout clock driver for TTL port
■ 1:2 fanout clock driver for GTLP port
■ TTL compatible driver and control inputs
■ Flow through pinout optimizes PCB layout
■ Open drain on GTLP to support wired-or connection
■ Recommended Operating Temperature −40°C to +85°C




Similar Part No. - GTLP6C816

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
GTLP6C816AMTC FAIRCHILD-GTLP6C816AMTC Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
More results


Similar Description - GTLP6C816

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP6C817 FAIRCHILD-GTLP6C817 Datasheet
50Kb / 7P
   Low Drive GTLP-to-LVTTL 1:6 Clock Driver
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817_07 Datasheet
287Kb / 19P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643_16 Datasheet
139Kb / 6P
   Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com