Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431AIZ Datasheet (PDF) - Fairchild Semiconductor

LM431AIZ Datasheet PDF - Fairchild Semiconductor
Part # LM431AIZ
Download  LM431AIZ Download

File Size   230.96 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Programmable Shunt Regulator

LM431AIZ Datasheet (PDF)

Go To PDF Page Download Datasheet
LM431AIZ Datasheet PDF - Fairchild Semiconductor

Part # LM431AIZ
Download  LM431AIZ Click to download

File Size   230.96 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Programmable Shunt Regulator

LM431AIZ Datasheet (HTML) - Fairchild Semiconductor

Back Button LM431AIZ Datasheet HTML 1Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 2Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 3Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 4Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 5Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 6Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 7Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 8Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 9Page - Fairchild Semiconductor LM431AIZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

LM431AIZ Product details

Description
The LM431A / LM431B / LM431C are three-terminal output adjustable regulators with thermal stability over the full operating temperature range. The output voltage can be set to any value between VREF (approximately 2.5 V) and 36 V with two external resistors. These devices have a typical dynamic output impedance of 0.2 Ω. Active output circuit provides a sharp turn-on characteristic, making these devices excellent replacements for Zener diodes in many applications.

Features
• Programmable Output Voltage to 36 V
• Low Dynamic Output Impedance: 0.2 Ω (Typical)
• Sink Current Capability: 1.0 to 100 mA
• Equivalent Full-Range Temperature Coefficient of 50 ppm/°C (Typical)
• Temperature Compensated for Operation Over Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response




Similar Part No. - LM431AIZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431AIZ FAIRCHILD-LM431AIZ Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM431AIZ NSC-LM431AIZ Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
LM431AIZ NSC-LM431AIZ Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Fairchild Semiconductor
LM431AIZ FAIRCHILD-LM431AIZ Datasheet
135Kb / 12P
   Programmable Shunt Regulator
logo
Texas Instruments
LM431AIZ TI1-LM431AIZ Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
More results


Similar Description - LM431AIZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com