Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11G1W Datasheet (PDF) - Fairchild Semiconductor

H11G1W Datasheet PDF - Fairchild Semiconductor
Part # H11G1W
Download  H11G1W Download

File Size   402.98 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS

H11G1W Datasheet (PDF)

Go To PDF Page Download Datasheet
H11G1W Datasheet PDF - Fairchild Semiconductor

Part # H11G1W
Download  H11G1W Click to download

File Size   402.98 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS

H11G1W Datasheet (HTML) - Fairchild Semiconductor

H11G1W Datasheet HTML 1Page - Fairchild Semiconductor H11G1W Datasheet HTML 2Page - Fairchild Semiconductor H11G1W Datasheet HTML 3Page - Fairchild Semiconductor H11G1W Datasheet HTML 4Page - Fairchild Semiconductor H11G1W Datasheet HTML 5Page - Fairchild Semiconductor H11G1W Datasheet HTML 6Page - Fairchild Semiconductor H11G1W Datasheet HTML 7Page - Fairchild Semiconductor

H11G1W Product details

DESCRIPTION

The H11GX series are photodarlington-type optically coupled optocouplers. These devices have a gallium arsenide infrared emitting diode coupled with a silicon darlington connected phototransistor which has an integral base-emitter resistor to optimize elevated temperature characteristics.



FEATURES

• High BVCEO

   - Minimum 100 V for H11G1

   - Minimum 80 V for H11G2

   - Minimum 55 V for H11G3

• High sensitivity to low input current

  Minimum 500 percent CTR at IF = 1 mA

• Low leakage current at elevated temperature (maximum 100 µA at 80°C)

• Underwriters Laboratory (UL) recognized File# E90700



APPLICATIONS

• CMOS logic interface

• Telephone ring detector

• Low input TTL interface

• Power supply isolation

• Replace pulse transformer



 




Similar Part No. - H11G1W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11G1 MOTOROLA-H11G1 Datasheet
300Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
logo
QT Optoelectronics
H11G1 QT-H11G1 Datasheet
300Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPERS
logo
List of Unclassifed Man...
H11G1 ETC1-H11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
ISOCOM COMPONENTS
H11G1 ISOCOM-H11G1 Datasheet
56Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G1 ISOCOM-H11G1 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
More results


Similar Description - H11G1W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com