Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ54A Datasheet (PDF) - Littelfuse

5.0SMDJ54A Datasheet PDF - Littelfuse
Part # 5.0SMDJ54A
Download  5.0SMDJ54A Download

File Size   1364.69 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes Surface Mount ??5000W > 5.0SMDJ series

5.0SMDJ54A Datasheet (PDF)

Go To PDF Page Download Datasheet
5.0SMDJ54A Datasheet PDF - Littelfuse

Part # 5.0SMDJ54A
Download  5.0SMDJ54A Click to download

File Size   1364.69 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes Surface Mount ??5000W > 5.0SMDJ series

5.0SMDJ54A Datasheet (HTML) - Littelfuse

5.0SMDJ54A Datasheet HTML 1Page - Littelfuse 5.0SMDJ54A Datasheet HTML 2Page - Littelfuse 5.0SMDJ54A Datasheet HTML 3Page - Littelfuse 5.0SMDJ54A Datasheet HTML 4Page - Littelfuse 5.0SMDJ54A Datasheet HTML 5Page - Littelfuse

5.0SMDJ54A Product details

Description
The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
• Halogen-Free
• RoHS compliant
• For surface mounted applications to optimize board space
• Low profle package
• Built-in strain relief
• Typical maximum temperature coeffcient ΔVBR = 0.1% x VBR@25°C x ΔT
• Glass passivated chip junction
• 5000W peak pulse power capability at 10×1000μs waveform, repetition rate (duty cycles):0.01%
• Fast response time: typically less than 1.0ps from 0V to BV min
• Excellent clamping capability
• Low incremental surge resistance
• Typical IR less than 5µA above 22V
• High Temperature soldering guaranteed: 260°C/40 seconds at terminals
• Plastic package has Underwriters Laboratory Flammability 94V-O
• Matte Tin Lead–free Plated

Applications
    TVS devices are ideal for the protection of I/O Interfaces, VCC bus and other vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic applications.




Similar Part No. - 5.0SMDJ54A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
5.0SMDJ54A AOSMD-5.0SMDJ54A Datasheet
702Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.2.2 July 2021
logo
MDE Semiconductor, Inc.
5.0SMDJ54A MDE-5.0SMDJ54A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
5.0SMDJ54A GWSEMI-5.0SMDJ54A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
5.0SMDJ54A ANOVA-5.0SMDJ54A Datasheet
289Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ54A UNSEMI-5.0SMDJ54A Datasheet
4Mb / 8P
   11 To 440V 5000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Similar Description - 5.0SMDJ54A

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
5.0SMCJ FUTUREWAFER-5.0SMCJ Datasheet
1Mb / 12P
   5000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
5KP FUTUREWAFER-5KP Datasheet
969Kb / 10P
   5000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Littelfuse
SMAJ30A LITTELFUSE-SMAJ30A Datasheet
685Kb / 6P
   Transient Voltage Suppression Diodes Surface Mount ??400W > SMAJ series
SMF8.5A LITTELFUSE-SMF8.5A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes Surface Mount ??200W > SMF Series
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
logo
Bourns Electronic Solut...
5-0SMDJ BOURNS-5-0SMDJ Datasheet
202Kb / 6P
   5.0SMDJ Transient Voltage Suppressor Diode Series
REV. 03/20
logo
UN Semiconducctor INC
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com