Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11L2MS Datasheet (PDF) - Fairchild Semiconductor

H11L2MS Datasheet PDF - Fairchild Semiconductor
Part # H11L2MS
Download  H11L2MS Download

File Size   516.56 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 6-PIN DIP OPTOISOLATORS LOGIC OUTPUT

H11L2MS Datasheet (PDF)

Go To PDF Page Download Datasheet
H11L2MS Datasheet PDF - Fairchild Semiconductor

Part # H11L2MS
Download  H11L2MS Click to download

File Size   516.56 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 6-PIN DIP OPTOISOLATORS LOGIC OUTPUT

H11L2MS Datasheet (HTML) - Fairchild Semiconductor

H11L2MS Datasheet HTML 1Page - Fairchild Semiconductor H11L2MS Datasheet HTML 2Page - Fairchild Semiconductor H11L2MS Datasheet HTML 3Page - Fairchild Semiconductor H11L2MS Datasheet HTML 4Page - Fairchild Semiconductor H11L2MS Datasheet HTML 5Page - Fairchild Semiconductor H11L2MS Datasheet HTML 6Page - Fairchild Semiconductor H11L2MS Datasheet HTML 7Page - Fairchild Semiconductor H11L2MS Datasheet HTML 8Page - Fairchild Semiconductor H11L2MS Datasheet HTML 9Page - Fairchild Semiconductor

H11L2MS Product details

DESCRIPTION

The H11LXM series has a high speed integrated circuit detector optically coupled to a gallium-arsenide infrared emitting diode. The output incorporates a Schmitt trigger, which provides hysteresis for noise immunity and

pulse shaping. The detector circuit is optimized for simplicity of operation and utilizes an open collector output for maximum application flexibility.



FEATURES

• High data rate, 1 MHz typical (NRZ)

•Free from latch up and oscilliation throughout voltage and temperature ranges.

• Microprocessor compatible drive

• Logic compatible output sinks 16 mA at 0.4 V maximum

• Guaranteed on/off threshold hysteresis

• Wide supply voltage capability, compatible with all popular logic systems

• Underwriters Laboratory (UL) recognized—file #E90700, Volume 2

• VDE recognized – File#102497 – Add option V (e.g., H11LIVM)



APPLICATIONS

• Logic to logic isolator

• Programmable current level sensor

• Line receiver—eliminate noise and transient problems

• A.C. to TTL conversion—square wave shaping

• Digital programming of power supplies

• Interfaces computers with peripherals




Similar Part No. - H11L2MS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L2M FAIRCHILD-H11L2M Datasheet
516Kb / 9P
   OPTOISOLATORS LOGIC OUTPUT
H11L2M FAIRCHILD-H11L2M Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
H11L2M FAIRCHILD-H11L2M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
CT Micro International ...
H11L2M CTMICRO-H11L2M Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
logo
ON Semiconductor
H11L2M ONSEMI-H11L2M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
More results


Similar Description - H11L2MS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com