Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG20N60B3D Datasheet (PDF) - Fairchild Semiconductor

HGTG20N60B3D Datasheet PDF - Fairchild Semiconductor
Part # HGTG20N60B3D
Download  HGTG20N60B3D Download

File Size   179.52 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG20N60B3D Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTG20N60B3D Datasheet PDF - Fairchild Semiconductor

Part # HGTG20N60B3D
Download  HGTG20N60B3D Click to download

File Size   179.52 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG20N60B3D Datasheet (HTML) - Fairchild Semiconductor

HGTG20N60B3D Datasheet HTML 1Page - Fairchild Semiconductor HGTG20N60B3D Datasheet HTML 2Page - Fairchild Semiconductor HGTG20N60B3D Datasheet HTML 3Page - Fairchild Semiconductor HGTG20N60B3D Datasheet HTML 4Page - Fairchild Semiconductor HGTG20N60B3D Datasheet HTML 5Page - Fairchild Semiconductor HGTG20N60B3D Datasheet HTML 6Page - Fairchild Semiconductor HGTG20N60B3D Datasheet HTML 7Page - Fairchild Semiconductor

HGTG20N60B3D Product details

The HGTG20N60B3D is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. The device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25℃ and 150℃. The diode used in anti-parallel with the IGBT is the RHRP3060.

Features
• 40A, 600V at TC = 25℃
• Typical Fall Time. . . . . . . . . . . . . . . . . . . . 140ns at 150℃
• Short Circuit Rated
• Low Conduction Loss
• Hyperfast Anti-Parallel Diode




Similar Part No. - HGTG20N60B3D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Similar Description - HGTG20N60B3D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP3N60B3D INTERSIL-HGTP3N60B3D Datasheet
154Kb / 7P
   7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG12N60C3D FAIRCHILD-HGTG12N60C3D Datasheet
124Kb / 8P
   24A, 600V, UFS SERIES N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODE
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com