Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5138A Datasheet (PDF) - NTE Electronics

NTE5138A Datasheet PDF - NTE Electronics
Part # NTE5138A
Download  NTE5138A Download

File Size   31.71 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance

NTE5138A Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5138A Datasheet PDF - NTE Electronics

Part # NTE5138A
Download  NTE5138A Click to download

File Size   31.71 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance

NTE5138A Datasheet (HTML) - NTE Electronics

NTE5138A Datasheet HTML 1Page - NTE Electronics NTE5138A Datasheet HTML 2Page - NTE Electronics NTE5138A Datasheet HTML 3Page - NTE Electronics

NTE5138A Product details

Features:
● Zener Voltage: 3.3V to 200V
● High Surge Current Capability




Similar Part No. - NTE5138A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE5100A NTE-NTE5100A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5101A NTE-NTE5101A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5102A NTE-NTE5102A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5103A NTE-NTE5103A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results


Similar Description - NTE5138A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com