Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A817S Datasheet (PDF) - Fairchild Semiconductor

H11A817S Datasheet PDF - Fairchild Semiconductor
Part # H11A817S
Download  H11A817S Download

File Size   496.44 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS

H11A817S Datasheet (PDF)

Go To PDF Page Download Datasheet
H11A817S Datasheet PDF - Fairchild Semiconductor

Part # H11A817S
Download  H11A817S Click to download

File Size   496.44 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS

H11A817S Datasheet (HTML) - Fairchild Semiconductor

H11A817S Datasheet HTML 1Page - Fairchild Semiconductor H11A817S Datasheet HTML 2Page - Fairchild Semiconductor H11A817S Datasheet HTML 3Page - Fairchild Semiconductor H11A817S Datasheet HTML 4Page - Fairchild Semiconductor H11A817S Datasheet HTML 5Page - Fairchild Semiconductor H11A817S Datasheet HTML 6Page - Fairchild Semiconductor H11A817S Datasheet HTML 7Page - Fairchild Semiconductor H11A817S Datasheet HTML 8Page - Fairchild Semiconductor H11A817S Datasheet HTML 9Page - Fairchild Semiconductor

H11A817S Product details

DESCRIPTION
The H11AA814 Series consists of two gallium arsenide infrared emitting diodes, connected in inverse parallel, driving a single silicon phototransistor in a 4-pin dual in-line package.
The H11A617 and H11A817 Series consists of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 4-pin dual in-line package.

FEATURES
• Compact 4-pin package
• Current transfer ratio in selected groups:
   H11AA814: 20-300% H11A817: 50-600%
   H11AA814A: 50-150% H11A817A: 80-160%
   H11A617A: 40%-80% H11A817B: 130-260%
   H11A617B: 63%-125% H11A817C: 200-400%
   H11A617C: 100%-200% H11A817D: 300-600%
   H11A617D: 160%-320%
• Minimum BVCEO of 70V guaranteed

APPLICATIONS
H11AA814 Series
• AC line monitor
• Unknown polarity DC sensor
• Telephone line interface

H11A617 and H11A817 Series
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs




Similar Part No. - H11A817S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11A817 QT-H11A817 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A817 FAIRCHILD-H11A817 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11A817A QT-H11A817A Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A817A FAIRCHILD-H11A817A Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11A817B QT-H11A817B Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Similar Description - H11A817S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com