Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-K600 Datasheet (PDF) - Fairchild Semiconductor

HLMP-K600 Datasheet PDF - Fairchild Semiconductor
Part # HLMP-K600
Download  HLMP-K600 Download

File Size   112.15 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description T-100 3 mm SOLID STATE LAMPS

HLMP-K600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-K600 Datasheet PDF - Fairchild Semiconductor

Part # HLMP-K600
Download  HLMP-K600 Click to download

File Size   112.15 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description T-100 3 mm SOLID STATE LAMPS

HLMP-K600 Datasheet (HTML) - Fairchild Semiconductor

HLMP-K600 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-K600 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-K600 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-K600 Datasheet HTML 4Page - Fairchild Semiconductor

HLMP-K600 Product details

DESCRIPTION
These T-100 LEDs are widely used as general purpose indicators. The pure green lamps is made with a GaP LED on a GaP substrate. The soft orange is made with a GaAsP LED on a GaP substrate. They are encapsulated in epoxy packages and are designed to provide superior light output and a wide viewing angle.

FEATURES
• Popular T-100 package
• Low drive current
• Solid state reliability
• Wide viewing angle
• Choice of pure green or soft orange colors




Similar Part No. - HLMP-K600

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-K600 HP-HLMP-K600 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-K600 HP-HLMP-K600 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-K600 AVAGO-HLMP-K600 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-K600 BOARDCOM-HLMP-K600 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
More results


Similar Description - HLMP-K600

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV6661A FAIRCHILD-MV6661A Datasheet
125Kb / 4P
   BICOLOR T-100 (3 mm) SOLID STATE LED LAMPS
MV50640 FAIRCHILD-MV50640 Datasheet
260Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
HLMP1302 FAIRCHILD-HLMP1302 Datasheet
266Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
QT Optoelectronics
MV50640 QT-MV50640 Datasheet
237Kb / 3P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Everlight Electronics C...
FLV110 EVERLIGHT-FLV110 Datasheet
366Kb / 4P
   T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-3300 FAIRCHILD-HLMP-3300 Datasheet
101Kb / 4P
   T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
QT Optoelectronics
QTLP913-2 QT-QTLP913-2 Datasheet
144Kb / 3P
   SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
QTLP913 FAIRCHILD-QTLP913 Datasheet
203Kb / 4P
   SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS
logo
Everlight Electronics C...
HLMP1700C6A0 EVERLIGHT-HLMP1700C6A0 Datasheet
258Kb / 4P
   LOW CURRNET T-100 T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-4740 FAIRCHILD-HLMP-4740 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com