Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PE600-2FGG100PP Datasheet (PDF) - Microsemi Corporation

A3PE600-2FGG100PP Datasheet PDF - Microsemi Corporation
Part # A3PE600-2FGG100PP
Download  A3PE600-2FGG100PP Download

File Size   8630.84 Kbytes
Page   162 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ProASIC3E Flash Family FPGAs with Optional Soft ARM Support

A3PE600-2FGG100PP Datasheet (PDF)

Go To PDF Page Download Datasheet
A3PE600-2FGG100PP Datasheet PDF - Microsemi Corporation

Part # A3PE600-2FGG100PP
Download  A3PE600-2FGG100PP Click to download

File Size   8630.84 Kbytes
Page   162 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ProASIC3E Flash Family FPGAs with Optional Soft ARM Support

A3PE600-2FGG100PP Datasheet (HTML) - Microsemi Corporation

Back Button A3PE600-2FGG100PP Datasheet HTML 1Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 2Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 3Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 4Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 5Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 6Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 7Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 8Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 9Page - Microsemi Corporation A3PE600-2FGG100PP Datasheet HTML 10Page - Microsemi Corporation Next Button 

A3PE600-2FGG100PP Product details

General Description
ProASIC3E, the third-generation family of Microsemi flash FPGAs, offers performance, density, and features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3E devices the advantage of being a secure, low power, single-chip solution that is Instant On. ProASIC3E is reprogrammable and offers time-to-market benefits at an ASIC-level unit cost. These features enable designers to create high-density systems using existing ASIC or FPGA design flows and tools.

Features and Benefits
High Capacity
    • 600 k to 3 Million System Gates
    • 108 to 504 kbits of True Dual-Port SRAM
    • Up to 620 User I/Os
Reprogrammable Flash Technology
    • 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
    • Instant On Level 0 Support
    • Single-Chip Solution
    • Retains Programmed Design when Powered Off
On-Chip User Nonvolatile Memory
    • 1 kbit of FlashROM with Synchronous Interfacing
High Performance
    • 350 MHz System Performance
    • 3.3 V, 66 MHz 64-Bit PCI
In-System Programming (ISP) and Security
    • ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption via JTAG (IEEE 1532–compliant)
    • FlashLock® Designed to Secure FPGA Contents
Low Power
    • Core Voltage for Low Power
    • Support for 1.5-V-Only Systems
    • Low-Impedance Flash Switches
High-Performance Routing Hierarchy
    • Segmented, Hierarchical Routing and Clock Structure
    • Ultra-Fast Local and Long-Line Network
    • Enhanced High-Speed, Very-Long-Line Network
    • High-Performance, Low-Skew Global Network
    • Architecture Supports Ultra-High Utilization
Pro (Professional) I/O
    • 700 Mbps DDR, LVDS-Capable I/Os
    • 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
    • Bank-Selectable I/O Voltages—up to 8 Banks per Chip
    • Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X, and LVCMOS 2.5 V / 5.0 V Input
    • Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS
    • Voltage-Referenced I/O Standards: GTL+ 2.5 V / 3.3 V, GTL 2.5 V / 3.3 V, HSTL Class I and II, SSTL2 Class I and II, SSTL3 Class I and II
    • I/O Registers on Input, Output, and Enable Paths
    • Hot-Swappable and Cold Sparing I/Os
    • Programmable Output Slew Rate and Drive Strength
    • Programmable Input Delay
    • Schmitt Trigger Option on Single-Ended Inputs
    • Weak Pull-Up/-Down
    • IEEE 1149.1 (JTAG) Boundary Scan Test
    • Pin-Compatible Packages across the ProASIC®3E Family
Clock Conditioning Circuit (CCC) and PLL
    • Six CCC Blocks, Each with an Integrated PLL
    • Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
    • Wide Input Frequency Range (1.5 MHz to 350 MHz)
SRAMs and FIFOs
    • Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations available)
    • True Dual-Port SRAM (except ×18)
    • 24 SRAM and FIFO Configurations with Synchronous Operation up to 350 MHz
ARM® Processor Support in ProASIC3E FPGAs
    • M1 ProASIC3E Devices—Cortex-M1 Soft Processor Available with or without Debug




Similar Part No. - A3PE600-2FGG100PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE600-2FGG484 MICROSEMI-A3PE600-2FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2FGG484ES MICROSEMI-A3PE600-2FGG484ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2FGG484I MICROSEMI-A3PE600-2FGG484I Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2FGG484PP MICROSEMI-A3PE600-2FGG484PP Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2FGG484Y MICROSEMI-A3PE600-2FGG484Y Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results


Similar Description - A3PE600-2FGG100PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com