Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF75637S3S Datasheet (PDF) - Fairchild Semiconductor

HUF75637S3S Datasheet PDF - Fairchild Semiconductor
Part # HUF75637S3S
Download  HUF75637S3S Download

File Size   201.65 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET

HUF75637S3S Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF75637S3S Datasheet PDF - Fairchild Semiconductor

Part # HUF75637S3S
Download  HUF75637S3S Click to download

File Size   201.65 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET

HUF75637S3S Datasheet (HTML) - Fairchild Semiconductor

HUF75637S3S Datasheet HTML 1Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 2Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 3Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 4Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 5Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 6Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 7Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 8Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 9Page - Fairchild Semiconductor HUF75637S3S Datasheet HTML 10Page - Fairchild Semiconductor

HUF75637S3S Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.030Ω, VGS = 10V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER™ Electrical Models
    - Spice and SABER Thermal Impedance Models
    - www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve




Similar Part No. - HUF75637S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75637S3S INTERSIL-HUF75637S3S Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results


Similar Description - HUF75637S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
FDD3672 FAIRCHILD-FDD3672 Datasheet
233Kb / 11P
   N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?
logo
Intersil Corporation
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75531SK8 FAIRCHILD-HUF75531SK8 Datasheet
240Kb / 10P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75531SK8 FAIRCHILD-HUFA75531SK8 Datasheet
250Kb / 11P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com