Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF75842S3S Datasheet (PDF) - Fairchild Semiconductor

HUF75842S3S Datasheet PDF - Fairchild Semiconductor
Part # HUF75842S3S
Download  HUF75842S3S Download

File Size   197.6 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET

HUF75842S3S Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF75842S3S Datasheet PDF - Fairchild Semiconductor

Part # HUF75842S3S
Download  HUF75842S3S Click to download

File Size   197.6 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET

HUF75842S3S Datasheet (HTML) - Fairchild Semiconductor

HUF75842S3S Datasheet HTML 1Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 2Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 3Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 4Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 5Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 6Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 7Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 8Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 9Page - Fairchild Semiconductor HUF75842S3S Datasheet HTML 10Page - Fairchild Semiconductor

HUF75842S3S Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.042Ω, VGS = 10V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER™ Electrical Models
    - Spice and SABER Thermal Impedance Models
    - www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve




Similar Part No. - HUF75842S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75842S3S INTERSIL-HUF75842S3S Datasheet
123Kb / 9P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
More results


Similar Description - HUF75842S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75842P3 INTERSIL-HUF75842P3 Datasheet
123Kb / 9P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUF75829D3 INTERSIL-HUF75829D3 Datasheet
122Kb / 9P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFET
HUF75823D3 INTERSIL-HUF75823D3 Datasheet
186Kb / 11P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUF75831SK8 FAIRCHILD-HUF75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75831SK8 INTERSIL-HUF75831SK8 Datasheet
182Kb / 12P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com