Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2036-47-BFLF Datasheet (PDF) - Bourns Electronic Solutions

2036-47-BFLF Datasheet PDF - Bourns Electronic Solutions
Part # 2036-47-BFLF
Download  2036-47-BFLF Download

File Size   531.36 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Balanced Mini-TRIGARD 5 mm diameter, 7.5 mm long

2036-47-BFLF Datasheet (PDF)

Go To PDF Page Download Datasheet
2036-47-BFLF Datasheet PDF - Bourns Electronic Solutions

Part # 2036-47-BFLF
Download  2036-47-BFLF Click to download

File Size   531.36 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Balanced Mini-TRIGARD 5 mm diameter, 7.5 mm long

2036-47-BFLF Datasheet (HTML) - Bourns Electronic Solutions

2036-47-BFLF Datasheet HTML 1Page - Bourns Electronic Solutions 2036-47-BFLF Datasheet HTML 2Page - Bourns Electronic Solutions 2036-47-BFLF Datasheet HTML 3Page - Bourns Electronic Solutions



Similar Part No. - 2036-47-BFLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-47-BFLF BOURNS-2036-47-BFLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results


Similar Description - 2036-47-BFLF

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Vectron International, ...
VCC1FIB3 VECTRON-VCC1FIB3 Datasheet
125Kb / 1P
   VCC1 FIB3 7.5 x 5 mm Crystal Oscillator
logo
Lumberg
3690 LUMBERG-3690 Datasheet
332Kb / 4P
   RAST 7.5 Power connectors, pitch 7.5 mm
3695 LUMBERG-3695 Datasheet
193Kb / 3P
   RAST 7.5 Power connectors, pitch 7.5 mm
logo
PHOENIX CONTACT
2700154 PHOENIX-2700154 Datasheet
47Kb / 2P
   Tube, 1000 mm long, 횠 25 mm
2700157 PHOENIX-2700157 Datasheet
47Kb / 2P
   Tube, 250 mm long, 횠 25 mm
logo
Vishay Siliconix
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
   Ø 7.5 mm Film Dielectric Trimmers
Revision: 20-Jun-13
logo
Schurter Inc.
SDK SCHURTER-SDK Datasheet
252Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com