Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76107D3S Datasheet (PDF) - Fairchild Semiconductor

HUF76107D3S Datasheet PDF - Fairchild Semiconductor
Part # HUF76107D3S
Download  HUF76107D3S Download

File Size   284.05 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUF76107D3S Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF76107D3S Datasheet PDF - Fairchild Semiconductor

Part # HUF76107D3S
Download  HUF76107D3S Click to download

File Size   284.05 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUF76107D3S Datasheet (HTML) - Fairchild Semiconductor

Back Button HUF76107D3S Datasheet HTML 1Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 2Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 3Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 4Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 5Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 6Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 7Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 8Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 9Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

HUF76107D3S Product details

These N-Channel power
MOSFETs are manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, low voltage bus switches, and power management in portable and battery operated products.

Features
• Logic Level Gate Drive
• 20A, 30V
• Ultra Low On-Resistance, rDS(ON) = 0.052Ω
• Temperature Compensating PSPICE® Model
• Temperature Compensating SABER© Model
• Thermal Impedance SPICE Model
• Thermal Impedance SABER Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
   - TB334, “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - HUF76107D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76107D3S INTERSIL-HUF76107D3S Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Similar Description - HUF76107D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76107P3 INTERSIL-HUF76107P3 Datasheet
369Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3 INTERSIL-HUF76107D3 Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76107P3 FAIRCHILD-HUF76107P3 Datasheet
282Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76129D3 INTERSIL-HUF76129D3 Datasheet
107Kb / 10P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com