Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2SA-L-3V-Z Datasheet (PDF) - Panasonic Semiconductor

TXS2SA-L-3V-Z Datasheet PDF - Panasonic Semiconductor
Part # TXS2SA-L-3V-Z
Download  TXS2SA-L-3V-Z Download

File Size   3705.41 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout

TXS2SA-L-3V-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS2SA-L-3V-Z Datasheet PDF - Panasonic Semiconductor

Part # TXS2SA-L-3V-Z
Download  TXS2SA-L-3V-Z Click to download

File Size   3705.41 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout

TXS2SA-L-3V-Z Datasheet (HTML) - Panasonic Semiconductor

TXS2SA-L-3V-Z Datasheet HTML 1Page - Panasonic Semiconductor TXS2SA-L-3V-Z Datasheet HTML 2Page - Panasonic Semiconductor TXS2SA-L-3V-Z Datasheet HTML 3Page - Panasonic Semiconductor TXS2SA-L-3V-Z Datasheet HTML 4Page - Panasonic Semiconductor TXS2SA-L-3V-Z Datasheet HTML 5Page - Panasonic Semiconductor TXS2SA-L-3V-Z Datasheet HTML 6Page - Panasonic Semiconductor TXS2SA-L-3V-Z Datasheet HTML 7Page - Panasonic Semiconductor

TXS2SA-L-3V-Z Product details

FEATURES
1. Nominal operating power: High sensitivity of 50mW
   By using the highly efficient polar
   magnetic circuit “seesaw balance
   mechanism”, a nominal operating
   power of 50 mW (minimum operating
   power of 32 mW) has been achieved.
2. Compact size
   15.0(L) × 7.4(W) × 8.2(H) .591(L) ×
   .291(W) × .323(H)
   Compliance with RoHS Directive
3. High contact reliability
   High contact reliability is achieved by
   the use of gold-clad twin crossbar
   contacts, low-gas formation materials,
   mold sealing the coil section, and by
   controlling organic gas in the coil.
   *We also offer a range of products
   with AgPd contacts suitable for use
   in low level load analog circuits
   (Max. 10V DC 10 mA).
   *SX relays designed for low level
   loads are also available.
4. Outstanding surge resistance.
   Surge breakdown voltage between
   open contacts:
   1,500 V 10×160 µsec. (FCC part 68)
   Surge breakdown voltage between
   contact and coil:
   2,500 V 2×10 µsec. (Telcordia)
5. Low thermal electromotive force (approx. 0.3 µV)
   The structure of the mold-sealed body
   block of the coil section achieves
   nominal operating power of 50 mW
   and high sensitivity, along with low
   thermal electromotive force, reduced
   to approximately 0.3 µV.
6. A range of surface-mount types is also available.
   SA: Low-profile surface-mount
   terminal type
   SL: High connection reliability surfacemount terminal type
   SS: Space saving surface-mount
   terminal type
7. Sealed construction allows automatic washing.

TYPICAL APPLICATIONS
1. Communications (XDSL, Transmission)
2. Measurement
3. Security
4. Home appliances, and audio/visual equipment
5. Automotive equipment
6. Medical equipment




Similar Part No. - TXS2SA-L-3V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-1.5V PANASONIC-TXS2-1.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-12V PANASONIC-TXS2-12V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-24V PANASONIC-TXS2-24V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-3V PANASONIC-TXS2-3V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-4.5V PANASONIC-TXS2-4.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
More results


Similar Description - TXS2SA-L-3V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Vishay Siliconix
SST309-T1-E3 VISHAY-SST309-T1-E3 Datasheet
102Kb / 8P
   Very High System Sensitivity
Rev. H, 24-Jan-05
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com