Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75321S3S Datasheet (PDF) - Fairchild Semiconductor

HUFA75321S3S Datasheet PDF - Fairchild Semiconductor
Part # HUFA75321S3S
Download  HUFA75321S3S Download

File Size   234.05 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs

HUFA75321S3S Datasheet (PDF)

Go To PDF Page Download Datasheet
HUFA75321S3S Datasheet PDF - Fairchild Semiconductor

Part # HUFA75321S3S
Download  HUFA75321S3S Click to download

File Size   234.05 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs

HUFA75321S3S Datasheet (HTML) - Fairchild Semiconductor

HUFA75321S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 9Page - Fairchild Semiconductor HUFA75321S3S Datasheet HTML 10Page - Fairchild Semiconductor

HUFA75321S3S Product details

These N-Channel power MOSFETs are manufactured using the innovative UltraFET® process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products.
   
Features
• 35A, 55V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER™
        Models
    - Thermal Impedance SPICE and SABER Models
        Available on the WEB at: www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount
        Components to PC Boards”
   




Similar Part No. - HUFA75321S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75321D3 FAIRCHILD-HUFA75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321D3S FAIRCHILD-HUFA75321D3S Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
More results


Similar Description - HUFA75321S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75321P3 FAIRCHILD-HUF75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET er MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75321D3ST FAIRCHILD-HUF75321D3ST Datasheet
836Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUF75333G3 FAIRCHILD-HUF75333G3 Datasheet
325Kb / 10P
   66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com