Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F1459T-EMLQTP Datasheet (PDF) - Microchip Technology

PIC16F1459T-EMLQTP Datasheet PDF - Microchip Technology
Part # PIC16F1459T-EMLQTP
Download  PIC16F1459T-EMLQTP Download

File Size   7681.06 Kbytes
Page   418 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology

PIC16F1459T-EMLQTP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F1459T-EMLQTP Datasheet PDF - Microchip Technology

Part # PIC16F1459T-EMLQTP
Download  PIC16F1459T-EMLQTP Click to download

File Size   7681.06 Kbytes
Page   418 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology

PIC16F1459T-EMLQTP Datasheet (HTML) - Microchip Technology

Back Button PIC16F1459T-EMLQTP Datasheet HTML 1Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 2Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 3Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 4Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 5Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 6Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 7Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 8Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 9Page - Microchip Technology PIC16F1459T-EMLQTP Datasheet HTML 10Page - Microchip Technology Next Button 

PIC16F1459T-EMLQTP Product details

DEVICE OVERVIEW
The PIC16(L)F1454/5/9 are described within this data sheet. They are available in 14/20-pin packages.
Figure 1-1 shows a block diagram of the PIC16(L)F1454/5/9 devices. Tables 1-2, 1-3 and 1-4 show the pinout descriptions.
Reference Table 1-1 for peripherals available per device.

High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• 14 Kbytes Linear Program Memory Addressing
• 1024 Bytes Linear Data Memory Addressing
• Operating Speed:
   - DC – 48 MHz clock input
   - DC – 83 ns instruction cycle
   - Selectable 3x or 4x PLL for specific frequencies
• Interrupt Capability with Automatic Context Saving
• 16-Level Deep Hardware Stack with Optional Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
   - Two full 16-bit File Select Registers (FSRs) capable of accessing both data or program memory
   - FSRs can read program and data memory

Special Microcontroller Features:
• Operating Voltage Range:
   - 1.8V to 3.6V (PIC16LF145X)
   - 2.3V to 5.5V (PIC16F145X)
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Programmable Brown-Out Reset (BOR)
• Low-Power BOR (LPBOR)
• Extended Watchdog Timer (WDT):
   - Programmable period from 1 ms to 256s
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• Power-Saving Sleep mode:

Universal Serial Bus (USB) Features:
• Self-Tuning from USB Host (eliminates need for external crystal)
• USB V2.0 Compliant SIE
• Low Speed (1.5 Mb/s) and Full Speed (12 Mb/s)
• Supports Control, Interrupt, Isochronous and Bulk Transfers
• Supports up to Eight Bidirectional Endpoints
• 512-Byte Dual Access RAM for USB
• Interrupt-on-Change (IOC) on D+/D- for USB Host Detection
• Configurable Internal Pull-up Resistors for use with USB

Extreme Low-Power Management PIC16LF145X with XLP:
• Sleep mode: 25 nA @ 1.8V, typical
• Watchdog Timer Current: 290 nA @ 1.8V, typical
• Timer1 Oscillator: 600 nA @ 32 kHz, typical
• Operating Current: 25 A/MHz @ 1.8V, typical

Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
   - Factory calibrated to ±0.25%, typical
   - Software selectable frequency range from 16 MHz to 31 kHz
   - Tunable to 0.25% across temperature range
   - 48 MHz with 3x PLL
• 31 kHz Low-Power Internal Oscillator
• Clock Switching with run from:
   - Primary Oscillator
   - Secondary Oscillator (SOSC)
   - Internal Oscillator
• Clock Reference Output:
   - Clock Prescaler
   - CLKOUT  (Continue....)




Similar Part No. - PIC16F1459T-EMLQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1459 MICROCHIP-PIC16F1459 Datasheet
495Kb / 38P
   PIC16(L)F145X Memory Programming Specification
11/29/11 2011-2012
More results


Similar Description - PIC16F1459T-EMLQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1454 MICROCHIP-PIC16LF1454 Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11 2012
PIC16LF1554 MICROCHIP-PIC16LF1554 Datasheet
3Mb / 340P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
05/14/19
PIC16F1509-ESO MICROCHIP-PIC16F1509-ESO Datasheet
6Mb / 418P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12
PIC16F1508 MICROCHIP-PIC16F1508 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16F1825 MICROCHIP-PIC16F1825_12 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16LF1825 MICROCHIP-PIC16LF1825_12 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC12F1822-I MICROCHIP-PIC12F1822-I Datasheet
7Mb / 436P
   8/14-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC12F1822 MICROCHIP-PIC12F1822 Datasheet
4Mb / 398P
   8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825 MICROCHIP-PIC16F1825 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825-I-ST MICROCHIP-PIC16F1825-I-ST Datasheet
3Mb / 418P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com