Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75623P3 Datasheet (PDF) - Fairchild Semiconductor

HUFA75623P3 Datasheet PDF - Fairchild Semiconductor
Part # HUFA75623P3
Download  HUFA75623P3 Download

File Size   199.7 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs

HUFA75623P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUFA75623P3 Datasheet PDF - Fairchild Semiconductor

Part # HUFA75623P3
Download  HUFA75623P3 Click to download

File Size   199.7 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs

HUFA75623P3 Datasheet (HTML) - Fairchild Semiconductor

HUFA75623P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 10Page - Fairchild Semiconductor

HUFA75623P3 Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.064Ω, VGS = 10V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER™ Electrical Models
    - Spice and SABER Thermal Impedance Models
    - www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve




Similar Part No. - HUFA75623P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75617D3S FAIRCHILD-HUFA75617D3S Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631P3 FAIRCHILD-HUFA75631P3 Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631S3ST FAIRCHILD-HUFA75631S3ST Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631SK8 FAIRCHILD-HUFA75631SK8 Datasheet
251Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
More results


Similar Description - HUFA75623P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75623P3 FAIRCHILD-HUF75623P3 Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75623P3 INTERSIL-HUF75623P3 Datasheet
99Kb / 9P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFET
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFP22N10 FAIRCHILD-RFP22N10 Datasheet
367Kb / 6P
   22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP22N10 INTERSIL-RFP22N10 Datasheet
49Kb / 6P
   22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75617D3ST FAIRCHILD-HUF75617D3ST Datasheet
203Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75617D3 FAIRCHILD-HUF75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com