Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A40MX04-FCQG208B Datasheet (PDF) - Microsemi Corporation

A40MX04-FCQG208B Datasheet PDF - Microsemi Corporation
Part # A40MX04-FCQG208B
Download  A40MX04-FCQG208B Download

File Size   7439.21 Kbytes
Page   142 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 40MX and 42MX FPGA Families

A40MX04-FCQG208B Datasheet (PDF)

Go To PDF Page Download Datasheet
A40MX04-FCQG208B Datasheet PDF - Microsemi Corporation

Part # A40MX04-FCQG208B
Download  A40MX04-FCQG208B Click to download

File Size   7439.21 Kbytes
Page   142 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 40MX and 42MX FPGA Families

A40MX04-FCQG208B Datasheet (HTML) - Microsemi Corporation

Back Button A40MX04-FCQG208B Datasheet HTML 1Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 2Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 3Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 4Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 5Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 6Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 7Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 8Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 9Page - Microsemi Corporation A40MX04-FCQG208B Datasheet HTML 10Page - Microsemi Corporation Next Button 

A40MX04-FCQG208B Product details

General Description
Microsemis 40MX and 42MX families offer a cost-effective design solution at 5V. The MX devices are single-chip solutions and provide high performance while shortening the system design and development cycle. MX devices can integrate and consolidate logic implemented in multiple PALs, CPLDs, and FPGAs. Example applications include high-speed controllers and address decoding, peripheral bus interfaces, DSP, and co-processor functions.

Features
High Capacity
• Single-Chip ASIC Alternative
• 3,000 to 54,000 System Gates
• Up to 2.5 kbits Configurable Dual-Port SRAM
• Fast Wide-Decode Circuitry
• Up to 202 User-Programmable I/O Pins

High Performance
• 5.6 ns Clock-to-Out
• 250 MHz Performance
• 5 ns Dual-Port SRAM Access
• 100 MHz FIFOs
• 7.5 ns 35-Bit Address Decode

HiRel Features
• Commercial, Industrial, Automotive, and Military Temperature Plastic Packages
• Commercial, Military Temperature, and MIL-STD-883 Ceramic Packages
• QML Certification
• Ceramic Devices Available to DSCC SMD

Ease of Integration
• Mixed-Voltage Operation (5.0V or 3.3V for core and I/Os), with PCI-Compliant I/Os
• Up to 100% Resource Utilization and 100% Pin Locking
• Deterministic, User-Controllable Timing
• Unique In-System Diagnostic and Verification Capability with Silicon Explorer II
• Low Power Consumption
• IEEE Standard 1149.1 (JTAG)Boundary Scan Testing




Similar Part No. - A40MX04-FCQG208B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX04-FCQG100 MICROSEMI-A40MX04-FCQG100 Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-FCQG100A MICROSEMI-A40MX04-FCQG100A Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-FCQG100B MICROSEMI-A40MX04-FCQG100B Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-FCQG100I MICROSEMI-A40MX04-FCQG100I Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-FCQG100M MICROSEMI-A40MX04-FCQG100M Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results


Similar Description - A40MX04-FCQG208B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com