Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M7065 Datasheet (PDF) - Cooper Bussmann, Inc.

170M7065 Datasheet PDF - Cooper Bussmann, Inc.
Part # 170M7065
Download  170M7065 Download

File Size   43.26 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 690V (IEC) 1000-4000A

170M7065 Datasheet (PDF)

Go To PDF Page Download Datasheet
170M7065 Datasheet PDF - Cooper Bussmann, Inc.

Part # 170M7065
Download  170M7065 Click to download

File Size   43.26 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 690V (IEC) 1000-4000A

170M7065 Datasheet (HTML) - Cooper Bussmann, Inc.

170M7065 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M7065 Datasheet HTML 2Page - Cooper Bussmann, Inc.



Similar Part No. - 170M7065

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M7081 COOPER-170M7081 Datasheet
43Kb / 2P
   Electrical Characteristics
More results


Similar Description - 170M7065

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
logo
Schneider Electric
ATV61EXA2M10Y SCHNEIDER-ATV61EXA2M10Y Datasheet
111Kb / 8P
   variable speed drive ATV61 Plus - 1000 kW - 690V - IP23
ATV61EXA5M10Y SCHNEIDER-ATV61EXA5M10Y Datasheet
111Kb / 8P
   variable speed drive ATV61 Plus - 1000 kW - 690V - IP54
logo
Cooper Bussmann, Inc.
170M1408 COOPER-170M1408 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com