Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVSXP1UP Datasheet (PDF) - NXP Semiconductors

PTVSXP1UP Datasheet PDF - NXP Semiconductors
Part # PTVSXP1UP
Download  PTVSXP1UP Download

File Size   121.26 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 600 W Transient Voltage Suppressor

PTVSXP1UP Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVSXP1UP Datasheet PDF - NXP Semiconductors

Part # PTVSXP1UP
Download  PTVSXP1UP Click to download

File Size   121.26 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 600 W Transient Voltage Suppressor

PTVSXP1UP Datasheet (HTML) - NXP Semiconductors

Back Button PTVSXP1UP Datasheet HTML 1Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 2Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 3Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 4Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 5Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 6Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 7Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 8Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 9Page - NXP Semiconductors PTVSXP1UP Datasheet HTML 10Page - NXP Semiconductors Next Button 

PTVSXP1UP Product details

General description

600 W unidirectional Transient Voltage Suppressor (TVS) in a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package, designed for transient overvoltage protection.



Features and benefits

- Rated peak pulse power: PPPM = 600 W

- Very low package height: 1 mm

- Reverse standoff voltage range:

  VRWM = 3.3 V to 64 V

- Small plastic package suitable for surface-mounted design

- Reverse current: IRM = 0.001 μA

- AEC-Q101 qualified



Applications

- Power supply protection

- Automotive application

- Industrial application

- Power management



 




Similar Part No. - PTVSXP1UP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
More results


Similar Description - PTVSXP1UP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
   600 Watt TRANSIENT VOLTAGE SUPPRESSOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com