Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV414 Datasheet (PDF) - Panasonic Semiconductor

AQV414 Datasheet PDF - Panasonic Semiconductor
Part # AQV414
Download  AQV414 Download

File Size   76.22 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Normally closed 6-pin type of 400V load voltage Measuring instruments

AQV414 Datasheet (PDF)

Go To PDF Page Download Datasheet
AQV414 Datasheet PDF - Panasonic Semiconductor

Part # AQV414
Download  AQV414 Click to download

File Size   76.22 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Normally closed 6-pin type of 400V load voltage Measuring instruments

AQV414 Datasheet (HTML) - Panasonic Semiconductor

AQV414 Datasheet HTML 1Page - Panasonic Semiconductor AQV414 Datasheet HTML 2Page - Panasonic Semiconductor AQV414 Datasheet HTML 3Page - Panasonic Semiconductor

AQV414 Product details

FEATURES
1. Low on-resistance (typ. 26Ω) for normally-closed type
   This has been achieved thanks to the built-in MOSFET processed by our proprietary method, DSD (Double diffused and Selective Doping) method.
2. Controls low-level analog signals
   PhotoMOS feature extremely low closedcircuit offset voltage to enable control of low-level analog signals without distortion.
3. High sensitivity and low on resistance
   Can control max. 0.15 A load current with 5 mA input current.
4. Low-level off state leakage current of max. 1 µA

TYPICAL APPLICATIONS
• Security equipment
• Telephone equipment (Dial pulse)
• Measuring instruments




Similar Part No. - AQV414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV414 ETC-AQV414 Datasheet
168Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQV414 ETC-AQV414 Datasheet
157Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQV414A ETC-AQV414A Datasheet
168Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
Nais(Matsushita Electri...
AQV414E NAIS-AQV414E Datasheet
54Kb / 3P
   PhotoMOS RELAYS
AQV414EA NAIS-AQV414EA Datasheet
54Kb / 3P
   PhotoMOS RELAYS
More results


Similar Description - AQV414

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7141E-1A RENESAS-PS7141E-1A Datasheet
226Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
Panasonic Semiconductor
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
   Miniature SOP4-pin type of 60V/350V/400V load voltage
AQW212S PANASONIC-AQW212S Datasheet
75Kb / 3P
   Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
logo
Renesas Technology Corp
PS7241-2A RENESAS-PS7241-2A_15 Datasheet
215Kb / 14P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
Renesas Technology Corp
PS7141E-1A RENESAS-PS7141E-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Sharp Corporation
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
logo
Panasonic Semiconductor
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
   DIP6-pin type featuring low on-resistance with 200V/400V load voltage
AQY412EH PANASONIC-AQY412EH Datasheet
81Kb / 3P
   Normally closed DIP4-pin economic type with reinforced insulation Modem
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com