Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3P250-1CS100PP Datasheet (PDF) - Microsemi Corporation

A3P250-1CS100PP Datasheet PDF - Microsemi Corporation
Part # A3P250-1CS100PP
Download  A3P250-1CS100PP Download

File Size   10669.38 Kbytes
Page   220 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ProASIC3 Flash Family FPGAs with Optional Soft ARM Support

A3P250-1CS100PP Datasheet (PDF)

Go To PDF Page Download Datasheet
A3P250-1CS100PP Datasheet PDF - Microsemi Corporation

Part # A3P250-1CS100PP
Download  A3P250-1CS100PP Click to download

File Size   10669.38 Kbytes
Page   220 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ProASIC3 Flash Family FPGAs with Optional Soft ARM Support

A3P250-1CS100PP Datasheet (HTML) - Microsemi Corporation

Back Button A3P250-1CS100PP Datasheet HTML 1Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 2Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 3Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 4Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 5Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 6Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 7Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 8Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 9Page - Microsemi Corporation A3P250-1CS100PP Datasheet HTML 10Page - Microsemi Corporation Next Button 

A3P250-1CS100PP Product details

Features and Benefits
High Capacity
   • 15 k to 1 M System Gates
   • Up to 144 kbits of True Dual-Port SRAM
   • Up to 300 User I/Os
Reprogrammable Flash Technology
   • 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
   • Instant On Level 0 Support
   • Single-Chip Solution
   • Retains Programmed Design when Powered Off
High Performance
   • 350 MHz System Performance
   • 3.3 V, 66 MHz 64-Bit PCI†
In-System Programming (ISP) and Security
   • ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM®-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
   • FlashLock® to Secure FPGA Contents
Low Power
   • Core Voltage for Low Power
   • Support for 1.5 V-Only Systems
   • Low-Impedance Flash Switches
High-Performance Routing Hierarchy
   • Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
   • 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
   • 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
   • Wide Range Power Supply Voltage Support per JESD8-B, Allowing I/Os to Operate from 2.7 V to 3.6 V
   • Bank-Selectable I/O Voltages—up to 4 Banks per Chip
   • Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
   • Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
   • I/O Registers on Input, Output, and Enable Paths
   • Hot-Swappable and Cold Sparing I/Os‡
   • Programmable Output Slew Rate† and Drive Strength
   • Weak Pull-Up/-Down
   • IEEE 1149.1 (JTAG) Boundary Scan Test
   • Pin-Compatible Packages across the ProASIC3 Family
Clock Conditioning Circuit (CCC) and PLL†
   • Six CCC Blocks, One with an Integrated PLL
   • Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
   • Wide Input Frequency Range (1.5 MHz to 350 MHz)
Embedded Memory†
   • 1 kbit of FlashROM User Nonvolatile Memory
   • SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
   • True Dual-Port SRAM (except ×18)
ARM Processor Support in ProASIC3 FPGAs
   • M1 ProASIC3 Devices—ARM®Cortex™-M1 Soft Processor Available with or without Debug




Similar Part No. - A3P250-1CS100PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P250-1FG144 ACTEL-A3P250-1FG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P250-1FG144ES ACTEL-A3P250-1FG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P250-1FG144I ACTEL-A3P250-1FG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P250-1FG144PP ACTEL-A3P250-1FG144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P250-1FG144T ACTEL-A3P250-1FG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results


Similar Description - A3P250-1CS100PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P600-FG256 MICROSEMI-A3P600-FG256 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-PQG208I MICROSEMI-A3P600-PQG208I Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-VQG100I MICROSEMI-A3P250-VQG100I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-2FG484 MICROSEMI-A3P1000-2FG484 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
List of Unclassifed Man...
A3P030 ETC2-A3P030 Datasheet
214Kb / 11P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com