Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALA2F24 Datasheet (PDF) - Panasonic Semiconductor

ALA2F24 Datasheet PDF - Panasonic Semiconductor
Part # ALA2F24
Download  ALA2F24 Download

File Size   71.33 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description TV-4 rated. 2a 3A/5A power relays Automatic vending machine

ALA2F24 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALA2F24 Datasheet PDF - Panasonic Semiconductor

Part # ALA2F24
Download  ALA2F24 Click to download

File Size   71.33 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description TV-4 rated. 2a 3A/5A power relays Automatic vending machine

ALA2F24 Datasheet (HTML) - Panasonic Semiconductor

ALA2F24 Datasheet HTML 1Page - Panasonic Semiconductor ALA2F24 Datasheet HTML 2Page - Panasonic Semiconductor ALA2F24 Datasheet HTML 3Page - Panasonic Semiconductor ALA2F24 Datasheet HTML 4Page - Panasonic Semiconductor

ALA2F24 Product details

FEATURES
1. 2 Form A slim type
    24(L) × 12(W) × 25(H) mm .945(L)×.472(W)×.984(H) inch
2. 3A type and 5A TV type
    3A type: Contact reliability and break performance best suited for protecting and switching speakers.
    5A TV type: Tough against inrush current and optimal for turning on and off the power supply. Rated TV-4 (UL, CSA).
3. High insulation resistance
• Creepage distance and clearances between contact and coil: Min. 6 mm .236 inch (In compliance with IEC65)
• Surge withstand voltage between contact and coil: 10,000 V
4. High noise immunity realized by the card separation structure between contact and coil
5. Conforms to the various safety standards
• UL, CSA, VDE, TÜV, SEMKO approved

TYPICAL APPLICATIONS
• Audio devices
• Monitor
• Automatic vending machine




Similar Part No. - ALA2F24

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
   2 Form A slim power relay
More results


Similar Description - ALA2F24

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-AC240V PANASONIC-HE1AN-AC240V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
   1a 10A TV-5 rated power relays
HE1AN-P-DC6V PANASONIC-HE1AN-P-DC6V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
logo
STMicroelectronics
STEVAL-IPC002V1 STMICROELECTRONICS-STEVAL-IPC002V1 Datasheet
179Kb / 7P
   Thermal printer-based parking ticket vending machine
March 2010
logo
Kemet Corporation
AVL367 KEMET-AVL367 Datasheet
204Kb / 1P
   Automatic Winding Machine
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
logo
Fujitsu Component Limit...
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
logo
Panasonic Semiconductor
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com