Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALZ51B24W Datasheet (PDF) - Panasonic Semiconductor

ALZ51B24W Datasheet PDF - Panasonic Semiconductor
Part # ALZ51B24W
Download  ALZ51B24W Download

File Size   74.36 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances

ALZ51B24W Datasheet (PDF)

Go To PDF Page Download Datasheet
ALZ51B24W Datasheet PDF - Panasonic Semiconductor

Part # ALZ51B24W
Download  ALZ51B24W Click to download

File Size   74.36 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances

ALZ51B24W Datasheet (HTML) - Panasonic Semiconductor

ALZ51B24W Datasheet HTML 1Page - Panasonic Semiconductor ALZ51B24W Datasheet HTML 2Page - Panasonic Semiconductor ALZ51B24W Datasheet HTML 3Page - Panasonic Semiconductor ALZ51B24W Datasheet HTML 4Page - Panasonic Semiconductor

ALZ51B24W Product details

FEATURES
1. Low profile type with height of 15.7 mm
   Slim, low profile type with dimensions of 28.8 (L) × 12.5 (W) × 15.7 (H) mm 1.134 (L) × .492 (W) × .618 (H) inch.
2. High insulation resistance
   Superior insulation characteristics have been achieved by maintaining an insulation distance between coil and contacts of at least 10 mm for both creepage distance and clearances. Furthermore, anti-surge voltage is 10 kV and higher. (Supports European reinforced insulation requirement.)
3. Superior heat resistance
   Can be used in ambient temperatures up to 85°C 185°F for the class B and 105°C 221°F for the class F.
4. Low operating power
   Power saved with a nominal operating power of only 400 mW.
5. Conforms to the various safety standards:
   UL, C-UL, VDE approved.
6. Superior heat resistance and tracking resistance
   EN60335-1 GWT compliant (Tested by VDE) type available (Excluding TMP type)
7. TMP type also available.

TYPICAL APPLICATIONS
1) Household electrical appliances TV, CATV, Audio equipment, Microwave ovens, and Heaters, etc.
2) Office equipment Copy machines, Packaged air conditioners, and Vending machines
3) Industrial equipment Machine tools, Robots, and Temperature controllers




Similar Part No. - ALZ51B24W

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ALZ PANASONICBATTERY-ALZ Datasheet
74Kb / 4P
   LZ RELAYS
logo
Nais(Matsushita Electri...
ALZ11B05 NAIS-ALZ11B05 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
ALZ11B09 NAIS-ALZ11B09 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
ALZ11B12 NAIS-ALZ11B12 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
ALZ11B18 NAIS-ALZ11B18 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
More results


Similar Description - ALZ51B24W

ManufacturerPart #DatasheetDescription
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
DB Lectro Inc
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
   Suitable for household electrical appliances, automation system
logo
Nais(Matsushita Electri...
ALZ21B05 NAIS-ALZ21B05 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
logo
DB Lectro Inc
N3753AADC6P DBLECTRO-N3753AADC6P Datasheet
396Kb / 2P
   Suitable for automatic control, household electrical appliances and machinery electrical facilities.
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
DB Lectro Inc
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
logo
List of Unclassifed Man...
ML610Q172 ETC2-ML610Q172 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q174 ETC2-ML610Q174 Datasheet
466Kb / 26P
   The low power micro controller corresponding to 5v for household appliances
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com