Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGQ260S03 Datasheet (PDF) - Panasonic Semiconductor

AGQ260S03 Datasheet PDF - Panasonic Semiconductor
Part # AGQ260S03
Download  AGQ260S03 Download

File Size   125.65 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High capacity 2 Amp, Flat and Compact package Telephone switchboard

AGQ260S03 Datasheet (PDF)

Go To PDF Page Download Datasheet
AGQ260S03 Datasheet PDF - Panasonic Semiconductor

Part # AGQ260S03
Download  AGQ260S03 Click to download

File Size   125.65 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High capacity 2 Amp, Flat and Compact package Telephone switchboard

AGQ260S03 Datasheet (HTML) - Panasonic Semiconductor

AGQ260S03 Datasheet HTML 1Page - Panasonic Semiconductor AGQ260S03 Datasheet HTML 2Page - Panasonic Semiconductor AGQ260S03 Datasheet HTML 3Page - Panasonic Semiconductor AGQ260S03 Datasheet HTML 4Page - Panasonic Semiconductor AGQ260S03 Datasheet HTML 5Page - Panasonic Semiconductor

AGQ260S03 Product details

FEATURES
1. High capacity: 2 A
2. Compact flat body saves space With a small footprint of
   10.6 mm (L) × 7.2 mm (W) .417 inch (L) × .283 inch (W) for space savings,
   it also has a very short height of 5.2 mm .205 inch. (Standard PC board type.)
3. High sensitivity single side stable type (Nominal operating power: 100mW) is available
4. Outstanding surge resistance.
   Surge breakdown voltage between
   contacts and coil: 2,500 V 2×10 µs (Telcordia) Surge breakdown voltage between
   open contacts: 1,500 V 10×160 µs (FCC part 68)
5. The use of twin crossbar contacts ensures high contact reliability. AgPd contact is used
   because of its good sulfide resistance. Adopting low gas molding material.
   Coil assembly molding technology which avoids generating volatile gas from coil.
6. Increased packaging density Due to highly efficient magnetic circuit design, leakage flux is
   reduced and changes in electrical characteristics from components being mounted
   close-together are minimized. This all means a packaging density higher than ever before.
7. Nominal operating power: 140 mW
8. Outstanding vibration and shock resistance.
   Functional shock resistance: 750 m/s2
   Destructive shock resistance: 1,000 m/s2
   Functional vibration resistance: 10 to 55 Hz (at double amplitude of 3.3 mm .130 inch)
   Destructive vibration resistance: 10 to 55 Hz (at double amplitude of 5 mm .197 inch)
9. Sealed construction allows automatic washing.

TYPICAL APPLICATIONS
1. Telephone switchboard
2. Telecommunications equipment
3. Security
4. Measurement equipment
5. Consumer electronic and audio visual equipment




Similar Part No. - AGQ260S03

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGQ200 ADVANCEDENERGY-AGQ200 Datasheet
420Kb / 6P
   132 Watts
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2B-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2B-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2P-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2P-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results


Similar Description - AGQ260S03

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
NEC
UC2 NEC-UC2 Datasheet
503Kb / 15P
   SUPER-COMPACT SIZE, FLAT-PACKAGE
logo
Sanyo Semicon Device
DL-3150-101 SANYO-DL-3150-101 Datasheet
81Kb / 3P
   Compact Flat Package Type Laser Diode
logo
Grayhill, Inc
62S GRAYHILL-62S Datasheet
484Kb / 2P
   Compact 1/2' Package
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com