Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24A04FJ-WME2 Datasheet (PDF) - Rohm

BR24A04FJ-WME2 Datasheet PDF - Rohm
Part # BR24A04FJ-WME2
Download  BR24A04FJ-WME2 Download

File Size   705.03 Kbytes
Page   31 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Serial EEPROM Series Automotive EEPROM

BR24A04FJ-WME2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR24A04FJ-WME2 Datasheet PDF - Rohm

Part # BR24A04FJ-WME2
Download  BR24A04FJ-WME2 Click to download

File Size   705.03 Kbytes
Page   31 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Serial EEPROM Series Automotive EEPROM

BR24A04FJ-WME2 Datasheet (HTML) - Rohm

Back Button BR24A04FJ-WME2 Datasheet HTML 1Page - Rohm BR24A04FJ-WME2 Datasheet HTML 2Page - Rohm BR24A04FJ-WME2 Datasheet HTML 3Page - Rohm BR24A04FJ-WME2 Datasheet HTML 4Page - Rohm BR24A04FJ-WME2 Datasheet HTML 5Page - Rohm BR24A04FJ-WME2 Datasheet HTML 6Page - Rohm BR24A04FJ-WME2 Datasheet HTML 7Page - Rohm BR24A04FJ-WME2 Datasheet HTML 8Page - Rohm BR24A04FJ-WME2 Datasheet HTML 9Page - Rohm BR24A04FJ-WME2 Datasheet HTML 10Page - Rohm Next Button 

BR24A04FJ-WME2 Product details

General Description
BR24Axxx-WM is a serial EEPROM of I2C BUS interface method.

Features
■ Completely conforming to the world standard I2C BUS.
   All controls available by 2 ports of serial clock
   (SCL) and serial data (SDA)
■ Wide temperature range -40℃ to +105℃
■ Other devices than EEPROM can be connected to
   the same port, saving microcontroller port
■ 2.5V to 5.5V single power source operation most
   suitable for battery use
■ Page write mode useful for initial value write at
   factory shipment
■ Auto erase and auto end function at data rewrite
■ Low current consumption
   ➤ At write operation (5V) : 1.2mA (Typ.) *1
   ➤ At read operation (5V) : 0.2mA (Typ.)
   ➤ At standby condition (5V) : 0.1μA (Typ.)
■ Write mistake prevention function
   ➤ Write (write protect) function added
   ➤ Write mistake prevention function at low voltage
■ Data rewrite up to 1,000,000 times(Ta≦25℃)
■ Data kept for 40 years(Ta≦25℃)
■ Noise filter built in SCL / SDA terminal
■ Shipment data all address FFh
   *1 BR24A32-WM, BR24A64-WM : 1.5mA
■ AEC-Q100 Qualified




Similar Part No. - BR24A04FJ-WME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A04FJ-WM ROHM-BR24A04FJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results


Similar Description - BR24A04FJ-WME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com