Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576HVT-12 Datasheet (PDF) - Tiger Electronic Co.,Ltd

LM2576HVT-12 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # LM2576HVT-12
Download  LM2576HVT-12 Download

File Size   5067.88 Kbytes
Page   8 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description regulators are monolithic integrated circuits that provide all the active functions for a step-down switching

LM2576HVT-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2576HVT-12 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # LM2576HVT-12
Download  LM2576HVT-12 Click to download

File Size   5067.88 Kbytes
Page   8 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description regulators are monolithic integrated circuits that provide all the active functions for a step-down switching

LM2576HVT-12 Datasheet (HTML) - Tiger Electronic Co.,Ltd

LM2576HVT-12 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576HVT-12 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd

LM2576HVT-12 Product details

Description
The LM2576 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5V, 12V, 15V, and an adjustable output versions. Requiring a minimum number of external components, these regulators are simple to use and include internal frequency compensation and a fixed-frequency oscillator.

Features
• 3.3V, 5V, 12V, 15V, and adjustable output versions
• Adjustable version output voltage range
• 1.23V to 37V (57V for HV version) ± 4% max over line and load conditions
• Guaranteed 3A output current
• Wide input voltage range, 40V up to 60V for HV version
• Requires only 4 external components
• 52 kHz fixed frequency oscillator
• TTL shutdown capability, low power standby mode
• High efficiency
• Uses readily available standard inductors
• Thermal shutdown and current limit protection

Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient pre-regulator for linear regulators
• On-card switching regulators
• Positive to negative converter (Buck-Boost)




Similar Part No. - LM2576HVT-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576HVT-12 NSC-LM2576HVT-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576HVT-12 TI1-LM2576HVT-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HVT-12 TI1-LM2576HVT-12 Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576HVT-12 ARTSCHIP-LM2576HVT-12 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2576HVT-12 UMW-LM2576HVT-12 Datasheet
2Mb / 10P
   IC REG BUCK 3A TO263-5L
More results


Similar Description - LM2576HVT-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
[Old version datasheet]   monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com