Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N971B Datasheet (PDF) - Yea Shin Technology Co., Ltd

1N971B Datasheet PDF - Yea Shin Technology Co., Ltd
Part # 1N971B
Download  1N971B Download

File Size   1241.65 Kbytes
Page   9 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

1N971B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N971B Datasheet PDF - Yea Shin Technology Co., Ltd

Part # 1N971B
Download  1N971B Click to download

File Size   1241.65 Kbytes
Page   9 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

1N971B Datasheet (HTML) - Yea Shin Technology Co., Ltd

1N971B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N971B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N971B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N971B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N971B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N971B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N971B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N971B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N971B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd

1N971B Product details

Specification Features
• Zener Voltage Range = 6.8 V to 200 V
• ESD Rating of Class 3 (>16 KV) per Human Body Model
• DO-35 Package (DO-204AH)
• Double Slug Type Construction
• Metallurgical Bonding




Similar Part No. - 1N971B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N971B JGD-1N971B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
TRANSYS Electronics Lim...
1N971B TEL-1N971B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Compensated Deuices Inc...
1N971B CDI-DIODE-1N971B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Tak Cheong Electronics ...
1N971B TAK_CHEONG-1N971B Datasheet
167Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
General Semiconductor
1N971B GE-1N971B Datasheet
37Kb / 2P
   ZENER DIODES
More results


Similar Description - 1N971B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com