Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C24 Datasheet (PDF) - Yea Shin Technology Co., Ltd

BZT52C24 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # BZT52C24
Download  BZT52C24 Download

File Size   529.28 Kbytes
Page   3 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ZENER DIODE

BZT52C24 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C24 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # BZT52C24
Download  BZT52C24 Click to download

File Size   529.28 Kbytes
Page   3 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ZENER DIODE

BZT52C24 Datasheet (HTML) - Yea Shin Technology Co., Ltd

BZT52C24 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BZT52C24 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BZT52C24 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd

BZT52C24 Product details

SOD-123 Plastic-Encapsulate Diode
ZENER DIODE

FEATURES
• Planar Die Construction
• 500mW Power Dissipation on Ceramic PCB
• General Purpose Medium Current
• Ideally Suited for Automated Assembly
   Processes
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
   environment substance directive request




Similar Part No. - BZT52C24

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C24 TSC-BZT52C24 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Diodes Incorporated
BZT52C24 DIODES-BZT52C24 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
SeCoS Halbleitertechnol...
BZT52C24 SECOS-BZT52C24 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Guangdong Kexin Industr...
BZT52C24 KEXIN-BZT52C24 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Dongguan City Niuhang E...
BZT52C24 NIUHANG-BZT52C24 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results


Similar Description - BZT52C24

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com