Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE540A Datasheet (PDF) - Yea Shin Technology Co., Ltd

1.5KE540A Datasheet PDF - Yea Shin Technology Co., Ltd
Part # 1.5KE540A
Download  1.5KE540A Download

File Size   1040.54 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

1.5KE540A Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE540A Datasheet PDF - Yea Shin Technology Co., Ltd

Part # 1.5KE540A
Download  1.5KE540A Click to download

File Size   1040.54 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

1.5KE540A Datasheet (HTML) - Yea Shin Technology Co., Ltd

1.5KE540A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1.5KE540A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1.5KE540A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1.5KE540A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd

1.5KE540A Product details

1500 Watt Peak Power VOLTAGE 6.8 to 540 Volts 5.0 Watt Steady State



FEATURES

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-O

• Glass passivated chip junction in DO-201AE package

• 1500W surge capability at 1.0ms

• Excellent clamping capability

• Low zener impedance

• Fast response time: typically less than 1.0 ps from 0 volts to BV min

• Typical IR less than 1µA above 10V

• High temperature soldering guaranteed: 260°C/10 seconds/.375" ,(9.5mm) lead length/5lbs., (2.3kg) tension

• High temperature soldering : 260OC / 10 seconds at terminals

• Pb free product at available : 99% Sn above meet RoHS environment substance directive request



 




Similar Part No. - 1.5KE540A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE540A VISHAY-1.5KE540A Datasheet
113Kb / 6P
   TRANSZORB Transient Voltage Suppressors
30-Oct-02
logo
Yangzhou yangjie electr...
1.5KE540A YANGJIE-1.5KE540A Datasheet
270Kb / 5P
   Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
1.5KE540A YFWDIODE-1.5KE540A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Littelfuse
1.5KE540A LITTELFUSE-1.5KE540A Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
1.5KE540A LITTELFUSE-1.5KE540A Datasheet
3Mb / 146P
   TVS Diode Products
More results


Similar Description - 1.5KE540A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com