Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF2001 Datasheet (PDF) - KODENSHI_AUK CORP.

SUF2001 Datasheet PDF - KODENSHI_AUK CORP.
Part # SUF2001
Download  SUF2001 Download

File Size   541.45 Kbytes
Page   13 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 30V Dual N-and P-channel Trench MSFET

SUF2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SUF2001 Datasheet PDF - KODENSHI_AUK CORP.

Part # SUF2001
Download  SUF2001 Click to download

File Size   541.45 Kbytes
Page   13 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 30V Dual N-and P-channel Trench MSFET

SUF2001 Datasheet (HTML) - KODENSHI_AUK CORP.

Back Button SUF2001 Datasheet HTML 1Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 2Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 3Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 4Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 5Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 6Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 7Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 8Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 9Page - KODENSHI_AUK CORP. SUF2001 Datasheet HTML 10Page - KODENSHI_AUK CORP. Next Button 

SUF2001 Product details

Features

• Low VGS(th): VGS(th)=1.0~3.0V

• Small footprint due to small package

• Low RGDS(on): N-ch, RDS(on)=24mΩ (@ VGS=10V, ID=2.9A)

                       P-ch, RDS(on)=66mΩ (@ VGS=-10V, ID=-2.7A)



 




Similar Part No. - SUF2001

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF2001 AUK-SUF2001 Datasheet
638Kb / 13P
   Dual N and P-channel Trench MOSFET
logo
Gulf Semiconductor
SUF2001 GULFSEMI-SUF2001 Datasheet
356Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
logo
SHENZHEN DOINGTER SEMIC...
SUF2001 DOINGTER-SUF2001 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results


Similar Description - SUF2001

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF2001 AUK-SUF2001 Datasheet
638Kb / 13P
   Dual N and P-channel Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
   30V Dual P N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK3714NP FS-FTK3714NP Datasheet
1Mb / 4P
   30V NP Dual Channel MOSFETs
FTK3710 FS-FTK3710 Datasheet
896Kb / 6P
   30V NP Dual Channel MOSFETs
logo
FETek Technology Corp.
FKBB3909 FETEK-FKBB3909 Datasheet
1,012Kb / 9P
   30V NP Dual Channel MOSFETs
Ver : A
logo
Zetex Semiconductors
ZXMD63C03X ZETEX-ZXMD63C03X Datasheet
283Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X_15 Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03X ZETEX-ZXMD63C03X_05 Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com