Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8430PCI Datasheet (PDF) - Holt Integrated Circuits

HI-8430PCI Datasheet PDF - Holt Integrated Circuits
Part # HI-8430PCI
Download  HI-8430PCI Download

File Size   289.21 Kbytes
Page   18 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 8-Channel, Ground /Open, or Supply / Open Sensor

HI-8430PCI Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-8430PCI Datasheet PDF - Holt Integrated Circuits

Part # HI-8430PCI
Download  HI-8430PCI Click to download

File Size   289.21 Kbytes
Page   18 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 8-Channel, Ground /Open, or Supply / Open Sensor

HI-8430PCI Datasheet (HTML) - Holt Integrated Circuits

Back Button HI-8430PCI Datasheet HTML 1Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 2Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 3Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 4Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 5Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 6Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 7Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 8Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 9Page - Holt Integrated Circuits HI-8430PCI Datasheet HTML 10Page - Holt Integrated Circuits Next Button 

HI-8430PCI Product details

GENERAL DESCRIPTION
The HI-8430 is a combined 8-channel discrete-to-digital sensor and quad high side driver fabricated with Silicon-on-Insulator (SOI) technology for robust latch-up free operation.

FEATURES
 • Robust CMOS Silicon-on-Insulator (SOI) technology
 • 8-channel Selectable Sense Operation, GND/Open or Supply/Open
 • Selectable Thresholds and Hysteresis
 • Sense Detection Range 3V to 20V
 • Logic Operation from 3.0V to 5.5V
 • Lightning Protected Sense Inputs
 • Airbus ABD0100H compliant sense inputs
 • 4 High-Side 200 mA Drivers
 • 4.5 Ohm On Resistance VLOGIC Inputs Control 5V to 36V High Side Drivers
 • Over-Current Fault Detection Signaled by Logic Output
 • Max Power Dissipation Automatically Limited by Fault Protection
 • Diode Clamps for Discharging Inductive Loads

APPLICATIONS
 • Avionics Discrete to Digital Sensing
 • Relay Driver
 • Lamp driver
 • Discrete Signaling




Similar Part No. - HI-8430PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
More results


Similar Description - HI-8430PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8425 HOLTIC-HI-8425 Datasheet
280Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436 Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results




About Holt Integrated Circuits


Holt Integrated Circuits is a semiconductor company that designs and manufactures integrated circuits (ICs) for the avionics and military markets. The company specializes in data bus communication ICs and offers a wide range of products for the ARINC 429, MIL-STD-1553, ARINC 825 (CAN), ARINC 717, and other data bus protocols.

Holt's products are used in a variety of avionics and military applications, including flight management systems, engine control systems, and communication equipment. They are known for their rugged and reliable products that are designed to operate in harsh environments.

The company was founded in 1983 and is headquartered in Mission Viejo, California, USA. Holt has a strong commitment to research and development, and is dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, Holt also provides customized solutions to meet specific customer requirements.

Overall, Holt Integrated Circuits is a trusted and reputable supplier of data bus communication ICs for the avionics and military markets, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com