Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8200PDTF Datasheet (PDF) - Holt Integrated Circuits

HI-8200PDTF Datasheet PDF - Holt Integrated Circuits
Part # HI-8200PDTF
Download  HI-8200PDTF Download

File Size   83.32 Kbytes
Page   10 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description Quad 10 Ohm 12V outside-the-rails Analog Switch with

HI-8200PDTF Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-8200PDTF Datasheet PDF - Holt Integrated Circuits

Part # HI-8200PDTF
Download  HI-8200PDTF Click to download

File Size   83.32 Kbytes
Page   10 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description Quad 10 Ohm 12V outside-the-rails Analog Switch with

HI-8200PDTF Datasheet (HTML) - Holt Integrated Circuits

HI-8200PDTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 9Page - Holt Integrated Circuits HI-8200PDTF Datasheet HTML 10Page - Holt Integrated Circuits

HI-8200PDTF Product details

GENERAL DESCRIPTION
The HI-8200 is a quad analog CMOS switch fabricated with Silicon-on-Insulator (SOI) technology for latch-up free operation and maximum switch isolation. High voltage gate drive is entirely created on-chip enabling +/-12V switching range from a single 3.3V or 5V supply. These switches are ideally suited for applications demanding low switch leakage when the power pins are 0V.
At 25°C and with VDD from 3.0V to 5.5V, the switch resistance (RON) is typically 8 RON is independent of VDD. In a switch ing range of -5V to +5V, the maximum deviation of RON from flat is less than 5%.
These switches conduct equally well in either direction. Power down and Off state leakages are less than 10nA maximum. Charge injection is less than 10pC. Switching times are typically 180ns to the On state and 60ns to the Off state. The on board charge pump allows an On/Off cycle time of 5KHz for all four switches simultaneously before the switching range becomes restricted.
The HI-8200 provides four each normally open switches when the switch control inputs are low. The HI-8201 provides four each normally closed switches when the switch control inputs are low. The HI-8202 provides a combination of two normally closed and two normally open switches.
Industry-standard plastic package options include 20-pin TSSOP, 16-pin DIP and 16-pin QFN. Ceramic packaging is available on request. All three products are offered in both in dustrial (-40°C to +85°C) and extended (-55°C to +125°C) temperature range options.

FEATURES
• CMOS analog switches with up to +/-12V switching range from a single 3.3V or 5V supply
• Low RON: 10 max at 25°C
• Robust CMOS Silicon-on-Insulator (SOI) technology
• Switch nodes are open-circuit when chip is powered down
• SOI switch isolation with 1nA typical Off leakage
• ESD protection > 4KV HBM
• Fast switching time with break-before-make
• Low power
• Extended Temperature Range (-55°C to +125°C)

APPLICATIONS
• Avionics
• Data bus isolation
• Sample-and-Hold circuits
• Test Equipment
• Communications Systems




Similar Part No. - HI-8200PDTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200PSHF HOLTIC-HI-8200PSHF Datasheet
76Kb / 9P
   Quad 10 Ohm 12V outside-the-rails
More results


Similar Description - HI-8200PDTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200H HOLTIC-HI-8200H Datasheet
76Kb / 9P
   Quad 10 Ohm 12V outside-the-rails
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX14777 MAXIM-MAX14777 Datasheet
862Kb / 16P
   Quad Beyond-the-Rails -15V to 35V Analog Switch
Rev 1; 10/13
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
Texas Instruments
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results




About Holt Integrated Circuits


Holt Integrated Circuits is a semiconductor company that designs and manufactures integrated circuits (ICs) for the avionics and military markets. The company specializes in data bus communication ICs and offers a wide range of products for the ARINC 429, MIL-STD-1553, ARINC 825 (CAN), ARINC 717, and other data bus protocols.

Holt's products are used in a variety of avionics and military applications, including flight management systems, engine control systems, and communication equipment. They are known for their rugged and reliable products that are designed to operate in harsh environments.

The company was founded in 1983 and is headquartered in Mission Viejo, California, USA. Holt has a strong commitment to research and development, and is dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, Holt also provides customized solutions to meet specific customer requirements.

Overall, Holt Integrated Circuits is a trusted and reputable supplier of data bus communication ICs for the avionics and military markets, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com