Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK35A-TP Datasheet (PDF) - Microsemi Corporation

SK35A-TP Datasheet PDF - Microsemi Corporation
Part # SK35A-TP
Download  SK35A-TP Download

File Size   272.39 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Same Electrical Characteristics As The SMC Version

SK35A-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
SK35A-TP Datasheet PDF - Microsemi Corporation

Part # SK35A-TP
Download  SK35A-TP Click to download

File Size   272.39 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Same Electrical Characteristics As The SMC Version

SK35A-TP Datasheet (HTML) - Microsemi Corporation

SK35A-TP Datasheet HTML 1Page - Microsemi Corporation SK35A-TP Datasheet HTML 2Page - Microsemi Corporation SK35A-TP Datasheet HTML 3Page - Microsemi Corporation SK35A-TP Datasheet HTML 4Page - Microsemi Corporation

SK35A-TP Product details

Features

• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)

• Same Electrical Characteristics As The SMC Version

• Very Low Cost

• Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space

• High Current Capability With Low Forward Voltage

• For Surface Mount Applications

• Epoxy meets UL 94 V-0 flammability rating

• Moisture Sensitivity Level 1

• Halogen free available upon request by adding suffix "-HF"



 




Similar Part No. - SK35A-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK35A-L MCC-SK35A-L Datasheet
257Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK35A-L MCC-SK35A-L Datasheet
227Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Frontier Electronics.
SK35A-LFR FRONTIER-SK35A-LFR Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SK35A-LT MCC-SK35A-LT Datasheet
179Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results


Similar Description - SK35A-TP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL40N150D FAIRCHILD-FGL40N150D Datasheet
440Kb / 7P
   Electrical Characteristics of the IGBT
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com