Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP310X0 Datasheet (PDF) - Panasonic Semiconductor

AEP310X0 Datasheet PDF - Panasonic Semiconductor
Part # AEP310X0
Download  AEP310X0 Download

File Size   230.97 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE

AEP310X0 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEP310X0 Datasheet PDF - Panasonic Semiconductor

Part # AEP310X0
Download  AEP310X0 Click to download

File Size   230.97 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE

AEP310X0 Datasheet (HTML) - Panasonic Semiconductor

AEP310X0 Datasheet HTML 1Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 2Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 3Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 4Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 5Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 6Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 7Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 8Page - Panasonic Semiconductor

AEP310X0 Product details

FEATURES
• Control of large voltages and currents
    The relays have a sealed construction that is filled with a hydrogen gas compound, and use a permanent magnet to establish a magnetic path for the arc.
    This allows them to switch high-level DC voltages of up to 400V DC.
• Compact size and light weight
    The capsule contact construction is filled with a gas that has excellent thermal dissipation and insulation characteristics.
    Because of this we have been able to reduce the contact gap to one tenth that of conventional relays, and produce a compact and light design.
• No arc space is required: size including arc space 1/9 (compared to conventional contactors)
    The arc is not exposed to the outside, therefore, no arc space is not required.
• Safety construction
    The arc is not exposed, therefore, the contactor is explosion proof and intrinsically safe.
• Quiet: operation noise 1/4 (compared to conventional contactors).
    Along with the above-mentioned miniaturization, the operation noise has been reduced to 70dB, and, in addition, the operation noise remains unchanged when a current of 1000A or more is interrupted.
• High contact reliability
    The contact part is hermetically sealed, hence the contact resistance remains stable regardless of the ambient conditions.
• Mounting direction is not specified
    The weight of the movable parts is light, and also the restoring force is large, hence the contactor is relatively unaffected by gravity.
• Line-up of indicator types (150A Type only)
    1 Form A and 1 Form B types with indicators for detecting welding of the main contacts are available.
• Line-up of PC board type and TM type (10A type only)
• 12 and 24V DC coil voltage types are available.
• Screw terminal blocks for easy wiring.

TYPICAL APPLICATIONS
• AGV (Automatic guided vehicle) (motor control)
• Electrical discharge machine (capacitor charge and discharge control)
• Inverter control (Error cut-off circuit)
• UPS (uninterruptible power supplies)
• Solar power generation systems (battery control)
• Unmanned transport carts
• Battery inspection and testing equipment
• Welding equipment
• Elevator (Brake control)




Similar Part No. - AEP310X0

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
AEP310-S TALEMA-AEP310-S Datasheet
47Kb / 1P
   ADSL Transformers for Motorola?셲 Chipsets
AEP310-T TALEMA-AEP310-T Datasheet
47Kb / 1P
   ADSL Transformers for Motorola?셲 Chipsets
More results


Similar Description - AEP310X0

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
   High capacity in a slim SIL package
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
   High capacity in a miniature SOP package
AGQ2001H PANASONIC-AGQ2001H Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
Leshan Radio Company
L2SD1781KQLT1G LRC-L2SD1781KQLT1G_11 Datasheet
115Kb / 4P
   Medium Power Transistor (32V, 0.8A) High current capacity in compact
logo
ABLE Power Products
OVCD-277-DR ABLEPOWERPRODUCTS-OVCD-277-DR Datasheet
285Kb / 1P
   Over Voltage & Under Voltage Cut-Off
1/13/2023
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com