Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002K-AU_SY_00001 Datasheet (PDF) - Pan Jit International Inc.

2N7002K-AU_SY_00001 Datasheet PDF - Pan Jit International Inc.
Part # 2N7002K-AU_SY_00001
Download  2N7002K-AU_SY_00001 Download

File Size   326.7 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET - ESD Protected

2N7002K-AU_SY_00001 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002K-AU_SY_00001 Datasheet PDF - Pan Jit International Inc.

Part # 2N7002K-AU_SY_00001
Download  2N7002K-AU_SY_00001 Click to download

File Size   326.7 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET - ESD Protected

2N7002K-AU_SY_00001 Datasheet (HTML) - Pan Jit International Inc.

2N7002K-AU_SY_00001 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002K-AU_SY_00001 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002K-AU_SY_00001 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002K-AU_SY_00001 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002K-AU_SY_00001 Datasheet HTML 5Page - Pan Jit International Inc. 2N7002K-AU_SY_00001 Datasheet HTML 6Page - Pan Jit International Inc. 2N7002K-AU_SY_00001 Datasheet HTML 7Page - Pan Jit International Inc.

2N7002K-AU_SY_00001 Product details

FEATURES

• RDS(ON), VGS@10V,IDS@500mA=3Ω

• RDS(ON), VGS@4.5V,IDS@200mA=4Ω

• Advanced Trench Process Technology

• High Density Cell Design For Ultra Low On-Resistance

• Very Low Leakage Current In Off Condition

• Specially Designed for Battery Operated Systems, Solid-State Relays Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc.

• ESD Protected 2KV HBM

• Acqire quality system certificate : TS16949

• AEC-Q101 qualified

• Lead free in comply with EU RoHS 2002/95/EC directives.

• Green molding compound as per IEC61249 Std. . (Halogen Free)



MECHANICAL

• Case: SOT-23 Package

• Terminals : Solderable per MIL-STD-750,Method 2026

• Apporx. Weight: 0.0003 ounces, 0.0084 grams

• Marking : K72

DATA




Similar Part No. - 2N7002K-AU_SY_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Similar Description - 2N7002K-AU_SY_00001

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW PANJIT-2N7002KDW_10 Datasheet
119Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB PANJIT-2N7002KTB Datasheet
117Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB6 PANJIT-2N7002KTB6 Datasheet
150Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com