Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5921-AU_LX_10001 Datasheet (PDF) - Pan Jit International Inc.

1SMB5921-AU_LX_10001 Datasheet PDF - Pan Jit International Inc.
Part # 1SMB5921-AU_LX_10001
Download  1SMB5921-AU_LX_10001 Download

File Size   235.19 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODE

1SMB5921-AU_LX_10001 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMB5921-AU_LX_10001 Datasheet PDF - Pan Jit International Inc.

Part # 1SMB5921-AU_LX_10001
Download  1SMB5921-AU_LX_10001 Click to download

File Size   235.19 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODE

1SMB5921-AU_LX_10001 Datasheet (HTML) - Pan Jit International Inc.

1SMB5921-AU_LX_10001 Datasheet HTML 1Page - Pan Jit International Inc. 1SMB5921-AU_LX_10001 Datasheet HTML 2Page - Pan Jit International Inc. 1SMB5921-AU_LX_10001 Datasheet HTML 3Page - Pan Jit International Inc. 1SMB5921-AU_LX_10001 Datasheet HTML 4Page - Pan Jit International Inc. 1SMB5921-AU_LX_10001 Datasheet HTML 5Page - Pan Jit International Inc. 1SMB5921-AU_LX_10001 Datasheet HTML 6Page - Pan Jit International Inc. 1SMB5921-AU_LX_10001 Datasheet HTML 7Page - Pan Jit International Inc.

1SMB5921-AU_LX_10001 Product details

VOLTAGE 6.8 to 51 Volts POWER 1.5 Watts

FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Typical IR less than 1.0µA above 12V
• Plastic package has Underwriters Laboratory Flammability Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives




Similar Part No. - 1SMB5921-AU_LX_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB5921 PANJIT-1SMB5921 Datasheet
58Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921 Datasheet
59Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Shanghai Leiditech Elec...
1SMB5921A LEIDITECH-1SMB5921A Datasheet
478Kb / 2P
   Zener Diodes 3W
logo
EIC discrete Semiconduc...
1SMB5921A EIC-1SMB5921A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
More results


Similar Description - 1SMB5921-AU_LX_10001

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com