Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA4737-AU_B1_00001 Datasheet (PDF) - Pan Jit International Inc.

1SMA4737-AU_B1_00001 Datasheet PDF - Pan Jit International Inc.
Part # 1SMA4737-AU_B1_00001
Download  1SMA4737-AU_B1_00001 Download

File Size   691.74 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction

1SMA4737-AU_B1_00001 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMA4737-AU_B1_00001 Datasheet PDF - Pan Jit International Inc.

Part # 1SMA4737-AU_B1_00001
Download  1SMA4737-AU_B1_00001 Click to download

File Size   691.74 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction

1SMA4737-AU_B1_00001 Datasheet (HTML) - Pan Jit International Inc.

1SMA4737-AU_B1_00001 Datasheet HTML 1Page - Pan Jit International Inc. 1SMA4737-AU_B1_00001 Datasheet HTML 2Page - Pan Jit International Inc. 1SMA4737-AU_B1_00001 Datasheet HTML 3Page - Pan Jit International Inc. 1SMA4737-AU_B1_00001 Datasheet HTML 4Page - Pan Jit International Inc. 1SMA4737-AU_B1_00001 Datasheet HTML 5Page - Pan Jit International Inc. 1SMA4737-AU_B1_00001 Datasheet HTML 6Page - Pan Jit International Inc. 1SMA4737-AU_B1_00001 Datasheet HTML 7Page - Pan Jit International Inc.

1SMA4737-AU_B1_00001 Product details

VOLTAGE 6.8 to 51 Volts POWER 1 Watts

FEATURES
• For surface mounted applications in order to optimize board space
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
  Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)

MECHANICAL DATA
• Case: JEDEC DO-214AC,Molded plastic over passivated junction.
• Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard Packaging: 12mm tape (EIA-481)
• Weight: 0.0023 ounce, 0.0679 gram




Similar Part No. - 1SMA4737-AU_B1_00001

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
1SMA4737 CDIL-1SMA4737 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Thinki Semiconductor Co...
1SMA4737 THINKISEMI-1SMA4737 Datasheet
648Kb / 5P
   1.0 Watt Surface Mount Type Silicon Zener Diodes (3.3Volt thru 100Volt)
logo
Pan Jit International I...
1SMA4737 PANJIT-1SMA4737 Datasheet
361Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Microdiode Electronics ...
1SMA4737 CHENDA-1SMA4737 Datasheet
923Kb / 4P
   Glass passivated junction
logo
Pan Jit International I...
1SMA4737 PANJIT-1SMA4737 Datasheet
522Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Similar Description - 1SMA4737-AU_B1_00001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com