Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM-65642 Datasheet (PDF) - Intersil Corporation

HM-65642 Datasheet PDF - Intersil Corporation
Part # HM-65642
Download  HM-65642 Download

File Size   273.47 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8K x 8 Asynchronous CMOS Static RAM

HM-65642 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-65642 Datasheet PDF - Intersil Corporation

Part # HM-65642
Download  HM-65642 Click to download

File Size   273.47 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8K x 8 Asynchronous CMOS Static RAM

HM-65642 Datasheet (HTML) - Intersil Corporation

Back Button HM-65642 Datasheet HTML 1Page - Intersil Corporation HM-65642 Datasheet HTML 2Page - Intersil Corporation HM-65642 Datasheet HTML 3Page - Intersil Corporation HM-65642 Datasheet HTML 4Page - Intersil Corporation HM-65642 Datasheet HTML 5Page - Intersil Corporation HM-65642 Datasheet HTML 6Page - Intersil Corporation HM-65642 Datasheet HTML 7Page - Intersil Corporation HM-65642 Datasheet HTML 8Page - Intersil Corporation HM-65642 Datasheet HTML 9Page - Intersil Corporation HM-65642 Datasheet HTML 10Page - Intersil Corporation Next Button 

HM-65642 Product details

Description
The HM-65642 is a CMOS 8192 x 8-bit Static Random Access Memory. The pinout is the JEDEC 28 pin, 8-bit wide standard, which allows easy memory board layouts which accommodate a variety of industry standard ROM, PROM, EPROM, EEPROM and RAMs. The HM-65642 is ideally suited for use in microprocessor based systems. In particular, interfacing with the Intersil 80C86 and 80C88 microprocessors is simplified by the convenient output enable (G) input.

Features
• Full CMOS Design
• Six Transistor Memory Cell
• Low Standby Supply Current . . . . . . . . . . . . . . . .100µA
• Low Operating Supply Current. . . . . . . . . . . . . . . 20mA
• Fast Address Access Time . . . . . . . . . . . . . . . . . . 150ns
• Low Data Retention Supply Voltage. . . . . . . . . . . . 2.0V
• CMOS/TTL Compatible Inputs/Outputs
• JEDEC Approved Pinout
• Equal Cycle and Access Times
• No Clocks or Strobes Required
• Gated Inputs
• No Pull-Up or Pull-Down Resistors Required
• Easy Microprocessor Interfacing
• Dual Chip Enable Control




Similar Part No. - HM-65642

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Similar Description - HM-65642

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com