Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1462039-7 Datasheet (PDF) - Tyco Electronics

2-1462039-7 Datasheet PDF - Tyco Electronics
Part # 2-1462039-7
Download  2-1462039-7 Download

File Size   236.49 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description IM-Relay

2-1462039-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
2-1462039-7 Datasheet PDF - Tyco Electronics

Part # 2-1462039-7
Download  2-1462039-7 Click to download

File Size   236.49 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description IM-Relay

2-1462039-7 Datasheet (HTML) - Tyco Electronics

2-1462039-7 Datasheet HTML 1Page - Tyco Electronics 2-1462039-7 Datasheet HTML 2Page - Tyco Electronics 2-1462039-7 Datasheet HTML 3Page - Tyco Electronics 2-1462039-7 Datasheet HTML 4Page - Tyco Electronics 2-1462039-7 Datasheet HTML 5Page - Tyco Electronics 2-1462039-7 Datasheet HTML 6Page - Tyco Electronics

2-1462039-7 Product details

Signal Relays



Slim line 10x6mm, low profile 5.65mm and min. board-space 60mm2

Switching current 2/5A, switching power 60W/62.5VA and switching voltage 220VDC/250VAC

Low coil power consumption, 140mW standard, 100mW for high sensitive version, 50mW for ultra high sensitive version and 100mW for bistable version

High dielectric and surge capability up to 2500Vrms between open contacts and 2500Vrms between coil and contacts

High mechanical shock resistance up to 50g functional



Typical applications

Telecommunication, access and transmission equipment, optical network terminals, modems, office and business equipment, consumer electronics, measurement and test equipment, industrial control, medical equipment, automotive applications.



 




Similar Part No. - 2-1462039-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1462039-7 MACOM-2-1462039-7 Datasheet
2Mb / 6P
   IM Relay
More results


Similar Description - 2-1462039-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1462037-7 MACOM-5-1462037-7 Datasheet
2Mb / 6P
   IM Relay
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
   IM-Relay Marking
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
   IM Relay SMT Gull Wings Dimension
logo
PIC GmbH
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
   Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
   Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
   Netzspannungs-Reedsensor im
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
   Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
   Standard-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
   Leistungs-Reedsensor im
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com