Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

292227-5 Datasheet (PDF) - Tyco Electronics

292227-5 Datasheet PDF - Tyco Electronics
Part # 292227-5
Download  292227-5 Download

File Size   257.31 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AMP MiNi CT Connector 1.5mm PITCH

292227-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
292227-5 Datasheet PDF - Tyco Electronics

Part # 292227-5
Download  292227-5 Click to download

File Size   257.31 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AMP MiNi CT Connector 1.5mm PITCH

292227-5 Datasheet (HTML) - Tyco Electronics

292227-5 Datasheet HTML 1Page - Tyco Electronics 292227-5 Datasheet HTML 2Page - Tyco Electronics 292227-5 Datasheet HTML 3Page - Tyco Electronics 292227-5 Datasheet HTML 4Page - Tyco Electronics

292227-5 Product details

AMP MiNi CT Connector 1.5mm PITCH




Similar Part No. - 292227-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292227 MACOM-292227 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
More results


Similar Description - 292227-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
   AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
292207 MACOM-292207 Datasheet
138Kb / 2P
   AMP MINI CT CONNECTOR 1.5MM PITCH SINGLE ROW POST HDR ASSY DIP STAGGERED TYPE WITH BOSS WITH KINK
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
   RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
179227-1 MACOM-179227-1 Datasheet
67Kb / 1P
   CRIMP TYPE RECEPTACLE CONTACT (AMP CT CONNECTOR 2MM PITCH)
logo
List of Unclassifed Man...
3-292208-4 ETC-3-292208-4 Datasheet
34Kb / 1P
   Wire to Board Connectors mini CT Connector System Post Header Assemblies
logo
Tyco Electronics
3-770565-1 MACOM-3-770565-1 Datasheet
63Kb / 1P
   MINI AMP-IN
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com