Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTB34005F Datasheet (PDF) - Tyco Electronics

RTB34005F Datasheet PDF - Tyco Electronics
Part # RTB34005F
Download  RTB34005F Download

File Size   77.74 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 16 Amp PC Board Miniature Relay

RTB34005F Datasheet (PDF)

Go To PDF Page Download Datasheet
RTB34005F Datasheet PDF - Tyco Electronics

Part # RTB34005F
Download  RTB34005F Click to download

File Size   77.74 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 16 Amp PC Board Miniature Relay

RTB34005F Datasheet (HTML) - Tyco Electronics

RTB34005F Datasheet HTML 1Page - Tyco Electronics RTB34005F Datasheet HTML 2Page - Tyco Electronics

RTB34005F Product details

RTseries (DC Coil) 16 Amp PC Board Miniature Relay

Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.

Features
• SPST through DPDT contact arrangements.
• Immersion cleanable and flux tight versions available.
• VDE 10mm spacing, 5kV dielectric, coil to contacts.
• UL Class F (155°C) coil insulation system.
• Conforms to UL 508, 1873, 353 and 1950.
• Low profile; 15.7mm height.
• Sensitive coil; 400mW.
• Withstand surge voltage of 10,000V.
• Potter & Brumfield or Schrack brand.




Similar Part No. - RTB34005F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RTB34012 SIEMENS-RTB34012 Datasheet
193Kb / 8P
   Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
TE Connectivity Ltd
RTB34012F TEC-RTB34012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
Siemens Semiconductor G...
RTB34024 SIEMENS-RTB34024 Datasheet
193Kb / 8P
   Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
Tyco Electronics
RTB34024 MACOM-RTB34024 Datasheet
479Kb / 4P
   Power PCB Relay RT1
RTB34024R MACOM-RTB34024R Datasheet
479Kb / 4P
   Power PCB Relay RT1
More results


Similar Description - RTB34005F

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
List of Unclassifed Man...
AZ942 ETC-AZ942 Datasheet
47Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1419108-5 MACOM-2-1419108-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-7 MACOM-2-1419108-7 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-4 MACOM-2-1419108-4 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942 ZETTLER-AZ942 Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1419108-6 MACOM-2-1419108-6 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1393237-5 MACOM-2-1393237-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com