Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD3814-220-R Datasheet (PDF) - Cooper Bussmann, Inc.

SD3814-220-R Datasheet PDF - Cooper Bussmann, Inc.
Part # SD3814-220-R
Download  SD3814-220-R Download

File Size   159.69 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Low Profile, Shielded Inductors

SD3814-220-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SD3814-220-R Datasheet PDF - Cooper Bussmann, Inc.

Part # SD3814-220-R
Download  SD3814-220-R Click to download

File Size   159.69 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Low Profile, Shielded Inductors

SD3814-220-R Datasheet (HTML) - Cooper Bussmann, Inc.

SD3814-220-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3814-220-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3814-220-R Datasheet HTML 3Page - Cooper Bussmann, Inc.

SD3814-220-R Product details

Description
• 3.8mm x 3.8mm shielded drum cores available in two heights: 1.2mm and 1.4mm
• Current range from 4.44 to 0.100 Amps
• Inductance range from 0.47 uH to 680 uH
• Ferrite shielded, low EMI
• Ferrite core material

Applications
• Digital cameras, cellular phones, CD players, and PDAs
• PCMCIA cards
• GPS systems

Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +85°C (range is application specific). Temperature rise is approximately 40°C at rated rms current
• Solder reflow temperature: +260°C max for 10 seconds max.




Similar Part No. - SD3814-220-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD3814-220-R COOPER-SD3814-220-R Datasheet
372Kb / 4P
   Switching Regulators
SD3814-220-R COOPER-SD3814-220-R Datasheet
159Kb / 3P
   Low Profile, Shielded Inductors
More results


Similar Description - SD3814-220-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD3814-331-R COOPER-SD3814-331-R Datasheet
159Kb / 3P
   Low Profile, Shielded Inductors
SD53-150 COOPER-SD53-150 Datasheet
221Kb / 3P
   Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD53 EATON-SD53 Datasheet
385Kb / 4P
   Low profile shielded power inductors
logo
List of Unclassifed Man...
SD7030-3R3-R ETC2-SD7030-3R3-R Datasheet
534Kb / 4P
   Low-Profile Shielded Drum Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Abracon Corporation
ASPI-104S ABRACON-ASPI-104S Datasheet
112Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTORS
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Abracon Corporation
ASPI104S ABRACON-ASPI104S Datasheet
713Kb / 2P
   LOW PROFILE SHIELDED SMD POWER INDUCTORS
02.22.11
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com