Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M6459 Datasheet (PDF) - Cooper Bussmann, Inc.

170M6459 Datasheet PDF - Cooper Bussmann, Inc.
Part # 170M6459
Download  170M6459 Download

File Size   49.3 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Square Body Flush End Contact 690V/700V IEC/UL 40-2000A

170M6459 Datasheet (PDF)

Go To PDF Page Download Datasheet
170M6459 Datasheet PDF - Cooper Bussmann, Inc.

Part # 170M6459
Download  170M6459 Click to download

File Size   49.3 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Square Body Flush End Contact 690V/700V IEC/UL 40-2000A

170M6459 Datasheet (HTML) - Cooper Bussmann, Inc.

170M6459 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M6459 Datasheet HTML 2Page - Cooper Bussmann, Inc.



Similar Part No. - 170M6459

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170M6459 ETC2-170M6459 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
More results


Similar Description - 170M6459

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3258 COOPER-170M3258 Datasheet
47Kb / 2P
   Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M6814D COOPER-170M6814D Datasheet
268Kb / 3P
   Square Body DIN 43 620 ??690V/700V (IEC/UL): 40-1000A
170M3488 COOPER-170M3488 Datasheet
55Kb / 2P
   Square Body Flush End Contact 1250V/1300V IEC/UL 50-1400A
logo
Insel Rectifier India P...
170M5961 IRI-170M5961 Datasheet
158Kb / 2P
   Square Body Flush End Contact
logo
Cooper Bussmann, Inc.
170M3408 COOPER-170M3408 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
List of Unclassifed Man...
170M4489 ETC-170M4489 Datasheet
55Kb / 2P
   Square Body . Flush End Contact
170M6465 ETC2-170M6465 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
Cooper Bussmann, Inc.
170M3388 COOPER-170M3388 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.)
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com